Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 10Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 11Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 12Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 13Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 14Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 15Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 16Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 17Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
14
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board, VIN = 5V, TA = 25°C, tested using
default spec parts, unless otherwise noted.
Start-Up through VIN
All buck rails, no load
Shutdown through VIN
All buck rails, no load
Ref: VIN
5V/div.
CH1: Buck 1
1V/div.
CH2: Buck 2
1V/div.
CH3: Buck 3
1V/div.
CH4: Buck 4
2V/div.
Ref: VIN
5V/div.
CH1: Buck 1
1V/div.
CH2: Buck 2
1V/div.
CH3: Buck 3
1V/div.
CH4: Buck 4
2V/div.
2ms/div.
10ms/div.
SCP Entry
Buck 4 output = 1.35V, RSTO_MODE = 01
SCP Steady State
Buck 4 output = 1.35V, RSTO_MODE = 01
CH1: Buck 4
1V/div.
CH2: VRSTO
5V/div.
CH3: VSW4
5V/div.
CH4: IL4
5A/div.
CH1: Buck 4
1V/div.
CH2: VRSTO
5V/div.
CH3: VSW4
5V/div.
CH4: IL4
5A/div.
10ms/div.
10ms/div.
SCP Recovery
Buck 4 output = 1.35V, RSTO_MODE = 01
Load Transient Response
IOUT transient from 2.25A to 4.5A,
2.5A/µs slew rate
CH1: Buck 4
1V/div.
CH2: VRSTO
5V/div.
CH3: VSW4
5V/div.
CH4: IL4
5A/div.
CH1:
Buck 1/AC
50mV/div.
CH4: IOUT1
2A/div.
20ms/div.
100
μs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com