Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 12Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 13Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 14Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 15Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 16Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 17Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 18Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 19Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
16
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
3A Load Switch
300mA/550mA
LDO4
DCDC1
5.5V/4.5A
I
2C VID, 0.4V to 3.5875V with 12.5mV/Step
or 0.4V to 2.2V with 7.4mV/Step
UVLO
1.1MHz OSC
Phase shift
GND1
SW1
FB1
Driver and
Control
I
2C Register and MTP
Power Logic Control
SW2
FB2
SW3
FB3
SW4
FB4
OUT4
300mA/550mA LDO5
Driver and
Control
OUT5
Control
Logic
VIN1
VIN3
AGND
Driver and
Control
300mA LDO 2
Driver and
Control
LSWI
LSWO/EN1
OUT2
VIN2
AVIN
VIN5
GND2
VIN2
VIN4
SCL
SDA
PWRON
RSTO
Configurable
EN1 Logic
DCDC2
5.5V/2.5A
I
2C VID, 0.4V to 3.5875V with 12.5mV/Step
or 0.4V to 2.2V with 7.4mV/Step
DCDC3
5.5V/4.5A
I
2C VID, 0.4V to 3.5875V with 12.5mV/Step
or 0.4V to 2.2V with 7.4mV/Step
DCDC4
5.5V/2A
I
2C VID, 0.4V to 3.5875V with 12.5mV/Step
Figure 3: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com