Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 37 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 37 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 33Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 34Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 37Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 38Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 39Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 40Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 41Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
37
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Inductor
Optimized Performance with
MPS Inductor MPL-AL6050 Series
For most applications, use a 0.47µH to 2.2µH
inductor with a DC current rating at least 25%
greater
than
the
maximum
load
current
(ILOAD_MAX). For improved efficiency, use an
inductor with a DC resistance below
15mΩ. For
most designs, the inductance (L1) can be
calculated with Equation (1):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f
−
=
  
(1)
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of ILOAD_MAX. The maximum
inductor peak current (IL(MAX)) can be estimated
with Equation (2):
2
I
I
I
L
LOAD
)
MAX
(
L
+
=
(2)
Choose an inductor with a higher inductance to
improve efficiency under light-load conditions
(<100mA).
MPS inductors are optimized and tested for use
with our complete line of integrated circuits.
Table
3
lists
MPS’s
power
inductor
recommendations for use with the MP5424.
Select a part number based on your design
requirements.
Table 3: Power Inductor Selection
Part Number
Inductance
Manufacturer
Select family
series (MPL-AL)
1µH to 1.5µH
MPS
MPL-AL6050-1R0
1
μH
MPS
MPL-AL6050-1R5
1.5μH
MPS
Visit MonolithicPower.com under Products >
Inductors for more information.
Selecting the
Step-Down Converter Input
Capacitor (C1)
The step-down converter has a discontinuous
input current (IIN), and requires a capacitor to
supply the AC current to the converter while
maintaining the DC VIN. Use low-ESR capacitors
for the best performance. Ceramic capacitors
with X5R or X7R dielectrics are recommended
due to their low ESR and small temperature
coefficients. For most applications, a 22µF
capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in C1 (IC1) can
be estimated with Equation (3):
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(3)
The worst-case condition occurs at VIN = 2 x VOUT,
which can be estimated with Equation (4):
2
I
I
LOAD
1
C
=
(4)
For simplification, choose C1 to have an RMS
current rating greater than half of ILOAD_MAX.
C1 can be electrolytic, tantalum, or ceramic. If
using electrolytic or tantalum capacitors, add a
small, high-quality ceramic capacitor (
0.1μF)
placed as close to the IC as possible. If using
ceramic capacitors, ensure that they have
enough capacitance to provide sufficient charge
to prevent excessive voltage ripple at the input.
The input voltage ripple
(∆VIN) caused by the
capacitance can be calculated with Equation (5):
LOAD
OUT
OUT
IN
IN
SW
IN
I
V
V
V1
f
C1
V
V

=
 −


(5)
Selecting the Step-Down Converter Output
Capacitor (C2)
The output capacitor (C2) for the step-down
converter maintains the DC VOUT. C2 can be
ceramic, tantalum, or electrolytic. For the best
results, use low-ESR capacitors to keep the
output voltage ripple (
∆VOUT) low. For most
applications, two 22µF ceramic capacitors are
sufficient .
∆VOUT can be estimated with Equation (6):
OUT
OUT
OUT
ESR
SW
1
IN
SW
VV
1
V
1
R
f
L
V
8 f
C2


=
+


 
(6)
Where RESR is the equivalent series resistance
(ESR) value of C2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com