Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 13Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 14Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 15Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 16Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 17Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 18Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 19Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
17
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The
MP5424
provides
a
complete
power
management solution for 5V systems, such as
televisions. It integrates four high-frequency,
synchronous rectification, step-down switch-
mode converters, as well as three low-dropout
(LDO) regulators and one load switch. The
compact
QFN-26
(3.5mmx4.5mm)
package
reduces component count and PCB space.
The default output voltage (VOUT), start-up
sequence, and dynamic voltage scaling can be
adjusted
via
the
I2C
and
multiple-time
programmable (MTP) interfaces. The I2C also
provides powerful logic functions. See the I2C
Register Map section on page 35 for more
details.
Any State
No Supply
Shutdown
Thermal Shutdown
(Following Shutdown Sequence)
Start Up
Start-Up
Sequence
Shutdown
Sequence
Detect the Power-On Factor
The DC/DC converters
and LDOs turn on
sequentially,
depending on the MTP
and register settings.
RSTO switches high
Detect Power-Off Factor
RSTO is
Pulled Low
VAVIN > VAVIN UVLO Rising Threshold
VAVIN < VAVIN UVLO
Falling Threshold
Configure
MTP
Detect MTP Entry Factor
MTP done, re-load MTP
to I
2C registers
Figure 4: Power Control State Machine Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com