Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 31Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 32Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 33Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 34Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 37Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 38Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 39Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
35
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
I2C REGISTER MAP
Add
(hex)
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
CTL0
R/W
DVS SLEW RATE
FREQUENCY
Reserved
(18)
PWRON_DEBOUNCE_
TIMER
Reserved
01
CTL1
R/W
RSTO_MODE
RSTO_DELAY
RSTO_PFI_THLD
Reserved
02
CTL2
R/W
Reserved
Reserved
TIME_SLOT
PWR_ON_
TIME_SLOT
_MODE
PWR_OFF_
TIME_SLOT
_MODE
03
Buck 1
R/W
BUCK1_VREF: 0.4V to 3.5875V/12.5mV step or 0.4V to 2.2V/7.4mV step
04
R/W
Reserved
OVPEN1
DISCHGEN1
MODEBUCK1
Reserved
05
R/W
ILIM1
PHASE_DELAY1
SOFTSTART1
Reserved
06
R/W
POWER_OFF_SLOT_NO_B1
POWER_ON_SLOT_NO_B1
07
Buck 2
R/W
BUCK2_VREF: 0.4V to 3.5875V/12.5mV step or 0.4V to 2.2V/7.4mV step
08
R/W
Reserved
OVPEN2
DISCHGEN2
MODEBUCK2
RESERVED
09
R/W
ILIM2
PHASE_DELAY2
SOFTSTART2
Reserved
0A
R/W
POWER_OFF_SLOT_NO_B2
POWER_ON_SLOT_NO_B2
0B
Buck 3
R/W
BUCK3_VREF: 0.4V to 3.5875V/12.5mV step or 0.4V to 2.2V/7.4mV step
0C
R/W
Reserved
OVPEN3
DISCHGEN3
MODEBUCK3
Reserved
0D
R/W
ILIM3
PHASE_DELAY3
SOFTSTART3
Reserved
0E
R/W
POWER_OFF_SLOT_NO_B3
POWER_ON_SLOT_NO_B3
0F
Buck 4
R/W
BUCK4_VREF: 0.4V to 3.5875V/12.5mV step
10
R/W
RESERVED
OVPEN4
DISCHGEN4
MODEBUCK4
Reserved
11
R/W
ILIM4
PHASE_DELAY4
SOFTSTART4
RESERVED
12
R/W
POWER_OFF_SLOT_NO_B4
POWER_ON_SLOT_NO_B4
13
CTL3
R/W
RESERVED
EN1_SELECT
EN_OFF_
DELAY
EN_OFF_
MODE
BUCK3_
VID
BUCK2_
VID
BUCK1_VID
14
LDO 2
R/W
LDO2_VREF: 0.65V to 3.5875V/12.5mV step
15
R/W
Reserved
Reserved
DISCHGEN_
LDO2
I2C_SLAVE_ADDRESS
16
R/W
POWER_OFF_SLOT_NO_LDO2
POWER_ON_SLOT_NO_LDO2
17
LOAD_
SW
R/W
Reserved
18
R/W
Reserved
Reserved
DISCHGEN_
LDSW
Reserved
Reserved
19
R/W
POWER_OFF_SLOT_NO_LDSW
POWER_ON_SLOT_NO_LDSW
1A
LDO 4
R/W
LDO4_VREF: 0.65V to 3.5875V/12.5mV step
1B
R/W
Reserved
ILIM_LDO4
DISCHGEN_
LDO4
Reserved
Reserved
1C
R/W
POWER_OFF_SLOT_NO_LDO4
POWER_ON_SLOT_NO_LDO4
1D
LDO 5
R/W
LDO5_VREF: 0.65V to 3.5875V/12.5mV step
1E
R/W
Reserved
ILIM_LDO5
DISCHGEN_
LDO5
Reserved
RESERVED
1F
R/W
POWER_OFF_SLOT_NO_LDO5
POWER_ON_SLOT_NO_LDO5
20
Parallel
Mode
R/W
PARALLEL_1
(17)
PARALLEL_2
(17)
PWRON_
MODE (17)
EN_EN1_
PIN (17)
RESERVED
21
Standby 1
R/W
EN1_INV (17)
EN1_POWER_RAILS_CONTROL(17)
22
EN
R/W
EN_BUCK1
EN_BUCK2
EN_BUCK3
EN_BUCK4
EN_LDO2
EN_
LDSW
EN_LDO4
EN_LDO5
23
MTP_CTL
R/W
MTP configure code ("0x00" for standard MP5424-0000, "0x01" for MP5424-0001)
24
R/W
MTP revision number (MTP revision number is stored here, in case the user must update the MTP)
25
R/W
ENTER_MTP_
MODE
PROGRAM_
MTP (18)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
26
W
MTP Program Password
27
Status 1
R
PGLDO4
Reserved "1"
PGLDO2
Reserved "1"
PGBUCK4
PG
BUCK3
PGBUCK2
PGBUCK1
28
Status 2
R
OTWARNING
OTEMPP
Reserved
CHECKSUM
FLAG
Reserved
Reserved
Reserved
Reserved
29
ID2
R
VENDOR ID
Reserved
PGLDO5
CURRENT MTP PAGE
INDEX
Notes:
17) The I2C bits do not control the real circuitry. Only the MTP bits control those functions. The MTP value only reloads the circuitry when the
PWRON pin turns off, the MTP is configured, or AVIN > UVLO threshold.
18) Reserved bits must be written to 0.
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com