Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 21Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 22Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 23Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 24Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 25Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 26Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 27Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
24
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
I2C INTERFACE
I2C Serial Interface Description
The I2C is a two-wire, bidirectional serial
interface consisting of a data line (SDA) and a
clock line (SCL). These lines are pulled up
externally to a bus voltage (VBUS) when idle. A
master device is connected to the line. The
master generates the SCL signal and device
address, and arranges the communication
sequence.
The MP5424 interface is an I2C slave that can
support fast mode (400kHz) and high-speed
mode (3.4Mhz). The I2C interface adds flexibility
to the power supply solution. Among other
parameters, VOUT and the transition slew rate can
be controlled via the I2C interface. If the master
sends the address as an 8-bit value, then the 7-
bit address should be followed by a 0 to indicate
a read (R) operation or 1 to indicate a write (W)
operation.
Start and Stop Conditions
The start (S) and stop (P) conditions are signaled
by the master device, and signify the beginning
and the end of an I2C transfer. The start condition
is defined as the SDA signal transitioning from
high to low while SCL is high. The stop condition
is defined as the SDA signal transitioning from
low to high while SCL is high (see Figure 13).
SDA
SCL
Start Condition
Stop Condition
S
P
Figure 13: Start (S) and Stop (P) Conditions
The master then generates the SCL clocks, and
transmits the device address and the read/write
direction bit (R/W) on the SDA line.
Transfer Data
Data is transferred in 8-bit bytes via the SDA line.
Each byte of data should be followed by an
acknowledge (ACK) bit.
I2C Update Sequence
The MP5424 requires a start condition, a valid
I2C address, a register address byte, and a data
byte for a single data update. After receiving
each byte, the MP5424 acknowledges the byte
by pulling the SDA line low during the high period
of a single clock pulse. A valid I2C address
selects the MP5424. The MP5424 performs an
update on the falling edge of the LSB byte.
Figure 14, Figure 15, and Figure 16 show
examples of I2C write and read sequences.
S
Slave Address
Wr
A
Register Address K
Write Data
A
A
P
8 bits
8 bits
8 bits
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Condition
P = Stop Condition
NA = Not Acknowledge (SDA = High)
Wr (Write) = 0
Rd (Read) = 1
Figure 14: Write Single Register
S Slave Address
Wr
A Register Address K
Write Data K
A
P
A Write Data K+1 A
Write Data K+N
Multi-byte write executed from current register
location (the read-only register will be skipped)
8 bits
8 bits
8 bits
A
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Condition
P = Stop Condition
NA = Not Acknowledge (SDA = High)
Wr (Write) = 0
Rd (Read) = 1
Figure 15: Write Multi-Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com