Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 28Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 29Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 30Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 31Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 32Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 33Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 34Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
32
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Table 1: Output Reference Voltage Chart (BUCK1_VID = 0, Buck2_VID = 0, Buck3_VID = 0)
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
00000000
400
01010110
1475
10101100
2550
00000001
412.5
01010111
1487.5
10101101
2562.5
00000010
425
01011000
1500
10101110
2575
00000011
437.5
01011001
1512.5
10101111
2587.5
00000100
450
01011010
1525
10110000
2600
00000101
462.5
01011011
1537.5
10110001
2612.5
00000110
475
01011100
1550
10110010
2625
00000111
487.5
01011101
1562.5
10110011
2637.5
00001000
500
01011110
1575
10110100
2650
00001001
512.5
01011111
1587.5
10110101
2662.5
00001010
525
01100000
1600
10110110
2675
00001011
537.5
01100001
1612.5
10110111
2687.5
00001100
550
01100010
1625
10111000
2700
00001101
562.5
01100011
1637.5
10111001
2712.5
00001110
575
01100100
1650
10111010
2725
00001111
587.5
01100101
1662.5
10111011
2737.5
00010000
600
01100110
1675
10111100
2750
00010001
612.5
01100111
1687.5
10111101
2762.5
00010010
625
01101000
1700
10111110
2775
00010011
637.5
01101001
1712.5
10111111
2787.5
00010100
650
01101010
1725
11000000
2800
00010101
662.5
01101011
1737.5
11000001
2812.5
00010110
675
01101100
1750
11000010
2825
00010111
687.5
01101101
1762.5
11000011
2837.5
Name
Bits
Default
Description
EN1_POWER_
RAILS_
CONTROL
D[6:0]
0000111
This bit sets which power rails are controlled by EN1. Each bit controls 1 power rail
from D[6] to D[0].
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Buck 1
Buck 2
Buck 3
Buck 4
LDSW
LDO 4
LDO 5
0:
EN1 does not control the power rail’s start-up/shutdown sequence
1: EN1 controls this power rail’s start-up/shutdown sequence
If the EN1 function is enabled, the corresponding load switch or LDO 2 channel and
its discharge function should be turned off. Note that EN1 cannot control LDO 2. LDO
2 can only be controlled by PWRON
EN_BUCK1,
EN_BUCK2,
EN_BUCK3,
EN_BUCK4,
EN_LDO2,
EN_LDSW,
EN_LDO4,
EN_LDO5
D[7:0]
0xFF
Enable control bit for each power rail.
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com