Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 22Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 23Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 24Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 25Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 26Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 27Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 28Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 29Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
26
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REGISTER DESCRIPTION
MTP E-Fuse Configuration Table
Offset
Name
D7
D6
D5
D4
D3
D2
D1
D0
00
CTL0
DVS SLEW RATE
FREQUENCY
N/A
PWRON_DEBOUNCE_TIMER
N/A
01
CTL1
RSTO_MODE
RSTO_DELAY
RSTO_PFI_THLD
N/A
02
CTL2
N/A
TIME_SLOT
PWR_ON_
TIME_SLOT_
MODE
PWR_OFF_
TIME_SLOT_
MODE
03
Buck 1
BUCK1_VREF: 0.4V to 3.5875V/12.5mV step or 0.4V to 2.2V/7.4mV step
04
N/A
OVPEN1
DISCHGEN1
MODE
BUCK1
N/A
05
ILIM1
PHASE_DELAY1
SOFTSTART1
N/A
06
POWER_OFF_SLOT_NO_B1
POWER_ON_SLOT_NO_B1
07
Buck 2
BUCK2_VREF: 0.4V to 3.5875V/12.5mV step or 0.4V to 2.2V/7.4mV step
08
N/A
OVPEN2
DISCHGEN2
MODE
BUCK2
N/A
09
ILIM2
PHASE_DELAY2
SOFTSTART2
N/A
0A
POWER_OFF_SLOT_NO_B2
POWER_ON_SLOT_NO_B2
0B
Buck 3
BUCK3_VREF: 0.65V to 3.5875V/12.5mV step or 0.4V to 2.2V/7.4mV step
0C
N/A
OVPEN3
DISCHGEN3
MODE
BUCK3
N/A
0D
ILIM3
PHASE_DELAY3
SOFTSTART3
N/A
0E
POWER_OFF_SLOT_NO_B3
POWER_ON_SLOT_NO_B3
0F
Buck 4
BUCK4_VREF: 0.4V to 3.5875V/12.5mV step
10
N/A
OVPEN4
DISCHGEN4
MODE
BUCK4
N/A
11
ILIM4
PHASE_DELAY4
SOFTSTART4
N/A
12
POWER_OFF_SLOT_NO_B4
POWER_ON_SLOT_NO_B4
13
CTL3
N/A
EN1_
SELECT
EN_OFF_
DELAY
EN_OFF_
MODE
BUCK3_VID
BUCK2_VID
BUCK1_VID
14
LDO 2
LDO2_VREF: 0.65V to 3.5875V/12.5mV step
15
N/A
N/A
DISCHGEN_
LDO2
I2C_SLAVE_ADDRESS
16
POWER_OFF_SLOT_NO_LDO2
POWER_ON_SLOT_NO_LDO2
17
LOAD_
SW
N/A
18
N/A
N/A
DISCHGEN_
LDSW
N/A
N/A
19
POWER_OFF_SLOT_NO_LDSW
POWER_ON_SLOT_NO_LDSW
1A
LDO 4
LDO4_VREF: 0.65V to 3.5875V/12.5mV step
1B
N/A
ILIM_
LDO4
DISCHGEN_
LDO4
N/A
N/A
1C
POWER_OFF_SLOT_NO_LDO4
POWER_ON_SLOT_NO_LDO4
1D
LDO 5
LDO5_VREF: 0.65V to 3.5875V/12.5mV step
1E
N/A
ILIM_
LDO5
DISCHGEN_
LDO5
N/A
N/A
1F
POWER_OFF_SLOT_NO_LDO5
POWER_ON_SLOT_NO_LDO5
20
Mode
PARALL
EL_1
PARALL
EL_2
PWRON
_MODE
EN_EN1_
PIN
N/A
N/A
21
EN1
EN1_INV
EN1_POWER_RAILS_CONTROL
22
EN
EN_
BUCK1
EN_
BUCK2
EN_BUCK3
EN_BUCK4
EN_LDO2
EN_LDSW
EN_LDO4
EN_LDO5
23
ID1
MTP configure code ("0x00" for standard MP5424-0000, "0x01" for MP5424-0001)
24
ID2
MTP revision number (MTP revision number is stored here in case the user has to update the MTP)
25
CRC
Checksum of MTP registers 0x00 to 0x24. While writing the I2C register data to the MTP, the PMIC initiates a
checksum of all the related I2C registers and writes the result in this byte. During start-up, the PMIC calculates and
compares the MTP data with the 0x25 register’s content. If they match, the MTP data is loaded to the I2C register;
otherwise, the I2C register ignores the MTP data and uses the default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com