Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 37Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 38Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 39Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 40Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 41Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 42Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 43Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
39
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PCB Layout Guidelines (19)
Efficient
PCB
layout
is
critical
for
stable
operation. It is recommended to use a 4-layer
board for improved performance. For the best
results, refer to Figure 17 and follow the
guidelines below:
1. Connect the input ground to the GNDx pin
using short and wide traces.
2. Connect the input capacitor to the VINx pin
using short and wide traces.
3. Ensure FB1, FB2, FB3, and FB4 are Kelvin-
connected to the buck 1, buck 2, buck 3, and
buck 4 output capacitors. Do not connect FB
directly
to the inductor’s output node.
4. Route SW away from sensitive analog areas,
such as FB1, FB2, FB3, and FB4.
C14
R1
Buck 1
Buck 3
Buck 2
Buck 4
VIN1
VIN2
VIN3
VIN4
VIN5
SW3
SW1
SW2
SW4
PGND
PGND
PGND
PGND
AGND
3
VIN1
4
SW1
5
GND1
6
SW3
VIN2
SW2
GND2
SW4
VIN4
26
25
AVIN
AGND
LSWO/
EN1
LSW1
SCL
SDA
OUT4
VIN5
2
PWRON
23
24
21
FB2
20
19
18
17
7
16
10
11
8
13
12
15
FB4
FB3
1
FB1
9
RSTO
14
OUT2
22
OUT5
VIN3
Top Layer
Mid-Layer 1
Bottom Layer
Figure 17: Recommended PCB Layout (20)
Notes:
19) The recommended PCB layout is based on Figure 18 on page 40.
20) It is recommended to separate buck 1
’s PGND and buck 3’s PGND from buck 2’s PGND and buck ’s PGND on the top layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com