Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 19Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 21Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 22Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 23Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 24Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 25Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 26Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
23
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
..
Buck 1
Buck 3
EN1
PWRON
(PWRON_MODE = 0)
Buck 2
..
Figure 11: EN1 Function
Thermal Warning and Shutdown
Thermal warning and thermal shutdown prevent
the part from operating at exceedingly high
temperatures. If the silicon die temperature
exceeds 120°C, then the MP5424 sets the
OTWARNING bit to 1.
If the die temperature exceeds 153°C, then the
MP5424 sets the OTEMPP bit to 1 and the
system enters the shutdown sequence. Once the
temperature drops to 130°C, the system enters
the start-up sequence.
I2C Timing
The PMIC’s I2C interface is powered by an
internal, fixed, 2V power supply. If VINx exceeds
its UVLO threshold during a start-up through VIN,
then the 2V LDO power supply is ready. The I2C
function is disabled during the start-up sequence.
Once the start-up sequence is complete for all
enabled power rails, the I2C function is available
(see Figure 12).
If the I2C is not used, SCL and SDA should be
pulled high via a resistor.
VIN
Internal
2V
I
2C
Command
Start-Up
Sequence
VIN reaches its
UVLO threshold
System
POR
Delay
The I
2C Can
Operate Normally
from this Point
Figure 12: I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com