Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 23Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 24Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 25Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 26Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 27Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 28Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 29Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 30Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
27
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
MTP E-Fuse Description
Name
Bits
Default
Description
DVS SLEW
RATE
D[7:6]
10
Voltage scaling slew rate for the buck 1, buck 2, buck 3, and buck 4 converters. The
soft-start slew rate is set by the SOFTSTART bits.
00: Reserved
01: Reserved
10: 8mV/µs
11: 4mV/µs
FREQUENCY
D[5:4]
00
Switching frequency (fSW) setting bit.
00: 1.1MHz
01: 1.65MHz
10: 2.2MHz
11: 2.75MHz
PWRON_DEBO
UNCE_TIMER
D[2:1]
01
Sets the PWRON pin’s debounce timer. It is valid only if PWRON_MODE is set to 1.
See the PWRON_MODE = 1 (Edge Trigger) section on page 21 for more information.
The debounce time is not related to default fSW.
00: 0.5ms
01: 10ms
10: 40ms
11: 160ms
RSTO_MODE
D[7:6]
00
Sets the RSTO behavior.
00: Does not monitor any power rails. If the PMIC enters the shutdown sequence or
VIN1 drops below its under-voltage lockout (UVLO) threshold, then RSTO goes low.
RSTO goes high once the RSTO delay (tRSTO) is complete
01: Monitors
buck ’s power good (PG). If buck ’s PG (PG4) is good after tRSTO,
RSTO goes high . If buck 4 is turned off by the I2C, then PG4 is high. If PG4 goes low,
then there is no tRSTO
10: Monitors VIN1 (see the RSTO_PFI_THLD register). RSTO goes high if VIN1 > VIN1
UVLO threshold. RSTO goes low if VIN1 < VIN1 UVLO threshold. RSTO goes high after
tRSTO. RSTO goes low with no delay. If VIN1 > VIN1 UVLO threshold and PWRON is
active, then RSTO monitors VIN1 while the PMIC is on
11: Monitors all enabled buck and LDO power rails. If the enabled buck
s’ PG and
LDO
s’ PG are good, then RSTO goes high after tRSTO. If any PG goes low, RSTO
goes low without a delay.
RSTO_DELAY
D[5:4]
01
Sets tRSTO before RSTO goes high. tRSTO is not related to the default fSW.
00: 100ms
01: 50ms
10: 10ms
11: 1ms
RSTO_PFI_
THLD
D[3:2]
10
Sets the VIN1 UVLO rising threshold when RSTO_MODE is set to 10.
00: 2.7V
01: 2.9V
10: 4V
11: 4.4V
TIME_SLOT
D[3:2]
00
Sets the start-up/shutdown sequence time slot intervals. The start-up/shutdown
sequences share the same time slot value. The time slot value is not related to the
default fSW.
00: 0.5ms
01: 2ms
10: 8ms
11: 16ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com