Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 24Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 25Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 26Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 27Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 28Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 29Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 30Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 31Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
28
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Name
Bits
Default
Description
PWR_ON_
TIME_SLOT_
MODE
D[1]
0
Selects the start-up sequence time slot mode.
0: The time slot is a fixed number set by TIME_SLOT
1: The time slot increases linearly, as shown below:
Time slot 0 to slot 3 has a TIME_SLOT x 1 interval
Time slot 3 to slot 7 has a TIME_SLOT x 2 interval
Time slot 7 to slot 11 has a TIME_SLOT x 4 interval
Time slot 11 to slot 15 has a TIME_SLOT x 8 interval
Time Slot Number
1
0.5ms
0
0.5ms
0.5ms
3
4
1ms
5
1ms
6
7
1ms
1ms
2ms
8
2ms
9
2ms
10
2ms
4ms
4ms
4ms
2
11
12
13
14
15
VOUT
TIME_
SLOTx1
TIME_
SLOTx1
TIME_
SLOTx1
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx8
TIME_
SLOTx8
TIME_
SLOTx8
TIME_
SLOTx8
Example:
4ms
In a standard application, the start-up sequence ends at the maximum time slot of
enabled channels. For example, if time slot 7 is the maximum slot number of the
enabled channels (i.e. slot numbers above 7 are not used) during the start-up
sequence, then the counter only works until time slot 7. The start-up sequence is
complete, and the higher time slots are not executed.
PWR_OFF_
TIME_SLOT_
MODE
D[0]
0
Selects the shutdown sequence time slot mode.
0: The time slot is a fixed number set by TIME_SLOT
1: The time slot increases linearly, as shown below:
Time slot 0 to slot 3 has a TIME_SLOT x 1 interval
Time slot 3 to slot 7 has a TIME_SLOT x 2 interval
Time slot 7 to slot 11 has a TIME_SLOT x 4 interval
Time slot 11 to slot 15 has a TIME_SLOT x 8 interval
Time Slot Number
0.5ms
0.5ms
0.5ms
1ms
1ms
1ms
1ms
2ms
8
2ms
9
2ms
10
2ms
4ms
4ms
4ms
2
11
12
13
14
15
VOUT
TIME_
SLOTx1
TIME_
SLOTx1
TIME_
SLOTx1
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx2
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx4
TIME_
SLOTx8
TIME_
SLOTx8
TIME_
SLOTx8
TIME_
SLOTx8
Example:
1
0
3
4
5
6
7
4ms
If the EN_OFF_DELAY is disabled, then the shutdown sequence begins at the
maximum time slot of the enabled channels. For example, if time slot 7 is the
maximum slot number of the enabled channels (i.e. slot numbers above 7 are not
used) during the shutdown sequence, then the counter only works from time slot
7 to time slot 0. The shutdown sequence is complete, and the higher time slots are
not executed.
If the EN_OFF_DELAY is enabled, then the shutdown sequence starts from the
60th time interval, and the power rail turns off once the time interval decreases to
the
power rail’s time slot. The shutdown delay of each power rail is determined by
the TIME_SLOT, PWR_OFF_TIME_SLOT_MODE and the time slot number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com