Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 4Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 5Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 6Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 7Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 8Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 9Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 10Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 11Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
8
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN1 = VIN2 = VIN3 = VIN4 = VIN5 = VAVIN = 5V, TJ = -40°C to +125°C (11), typical values are tested at
TJ = 25°C, unless otherwise noted. (12)
Parameter
Symbol
Condition
Min
Typ
Max
Units
LS-FET switch leakage
ISWLK_LS1
Shutdown, VINx = 5.5V,
VSWx = 0V or 5.5V, TJ = 25°C
0
1
μA
ISWLK_LS3
HS-FET current limit
ILIMIT1
20% duty cycle, TJ = 25°C
5.7
7.6
9.3
A
ILIMIT3
Minimum on time (13)
tON_MIN1
50
ns
tON_MIN3
50
ns
Minimum off time (13)
tOFF_MIN1
120
ns
tOFF_MIN3
120
ns
Output discharge resistance
ROUT_DIS1
3
7
20
Ω
Soft-start time
tSS_B1
VOUTx = 10% to 90%
140
300
430
μs
tSS_B3
VOUTx = 10% to 90%
140
300
430
μs
Output over-voltage
protection (OVP) rising
threshold
VOVP1_RISING
Buck 1
115
120
125
% of
VREF
Buck 3
115
120
125
% of
VREF
Output OVP falling
threshold
VOVP1_FALLING
Buck 1
105
110
115
% of
VREF
Buck 3
105
110
115
% of
VREF
Buck 2 and Buck 4 (2.5A/2A)
HS-FET on resistance
RDS(ON)_HS2
500mA, TJ = 25°C
40
55
mΩ
RDS(ON)_HS4
RDS(ON)_HS2
500mA, TJ = -40°C to +125°C
40
70
mΩ
RDS(ON)_HS4
LS-FET on resistance
RDS(ON)_LS2
500mA, TJ = 25°C
40
55
mΩ
RDS(ON)_LS4
RDS(ON)_LS2
500mA, TJ = -40°C to +125°C
40
85
mΩ
RDS(ON)_LS4
HS-FET switch leakage
ISWLK_HS2
Shutdown, VINx = 5.5V,
VSWx = 0V or 5.5V, TJ = 25°C
0
1
μA
ISWLK_HS4
LS-FET switch leakage
ISWLK_LS2
Shutdown, VINx = 5.5V,
VSWx = 0V or 5.5V, TJ = 25°C
0
1
μA
ISWLK_LS4
HS-FET current limit
ILIMIT2
20% duty cycle, TJ = 25°C
2.8
3.9
5
A
ILIMIT4
Minimum on time (13)
tON_MIN2
50
ns
tON_MIN4
50
ns
Minimum off time (13)
tOFF_MIN2
100
ns
tOFF_MIN4
100
ns
Output discharge resistance
ROUT_DIS2
3
8
20
Ω
Soft-start time
tSS_B2
VOUT = 10% to 90%
140
300
430
μs
tSS_B4
VOUT = 10% to 90%
140
300
430
ms
Output OVP rising threshold
VOVP2_RISING
Buck 2
115
120
125
% of
VREF
Buck 4
115
120
125
% of
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com