Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 31 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 31 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 27Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 28Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 29Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 30Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 31Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 32Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 33Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 34Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
31
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Name
Bits
Default
Description
EN_OFF_
DELAY
D[4]
0
Enables the shutdown delay. This bit is only active if EN_OFF_MODE = 0.
0: Shutdown delay disabled. The shutdown sequence begins at the largest time slot
of the enabled channel
1: Enable shutdown delay. The shutdown sequence begins at the 60th time interval,
the power rail turns off once the time interval decreases to the
power rail’s time
interval. The time interval of each power rail is determined by TIME_SLOT,
PWR_OFF_TIME_SLOT_MODE, and the time slot number
EN_OFF_
MODE
D[3]
0
Sets the shutdown sequence behavior controlled by the PWRON pin. There is always
a shutdown sequence while controlled by EN1.
0: Shutdown sequence
1: No shutdown sequence. All power rails turn off at the same time
DISCHGEN_
LDSW
D[5]
1
Enable bit for the load switch output discharge function.
0: Discharge function disabled
1: Discharge function enabled
I2C_SLAVE_
ADDRESS
D[4:0]
01001
Sets the A5 to A1 bit of the slave I2C address. See the I2C Bus Slave Address section
on page 34 for more details.
ILIM_LDO4,
ILIM_LDO5
D[6]
0
Selects the LDO 4 and LDO 5 current limit (ILIMIT).
0: Lower ILIMIT supports 300mA IOUT
1: Higher ILIMIT supports 550mA IOUT
PARALLEL_1
D[7]
0
Sets whether buck 1 and buck 3 operate in parallel. Use FB1 as the feedback pin.
After the buck converters enter
parallel mode, buck 3’s I2C/MTP register is invalid.
Parallel mode takes effect during a start-up through VIN. After start-up, the PMIC does
not respond to changes on this bit. ILIMIT
is doubled based on buck 1’s register setting.
0: Buck 1 and buck 3 do not operate in parallel
1: Buck 1 and buck 3 operate in parallel
PARALLEL_2
D[6]
0
Sets whether buck 2 and buck 4 operate in parallel mode. Use FB2 as the feedback
pin. After
the buck converters enter parallel mode
, buck ’s I2C/MTP register is
invalid. Parallel mode takes effect during a start-up through VIN. After start-up, the
PMIC does not respond to changes on this bit. ILIMIT
is doubled based on buck 2’s
register setting.
0: Buck 2 and buck 4 do not operate in parallel
1: Buck 2 and buck 4 operate in parallel
PWRON_
MODE
D[5]
0
This bit defines the PWRON pin’s behavior (level trigger or falling-edge trigger).
0: Level trigger. This functions as an EN pin. If
the PWRON pin’s VIN exceeds the
rising threshold, then the PMIC begins the start-up sequence
1: Falling-edge trigger. If the PWRON pin detects a high to low transition and the PMIC
is off, then the PMIC begins the start-up sequence after a delay. If the PMIC is on,
then the PMIC begins the shutdown sequence after a delay. The delay time is set by
PWRON_DEBOUNCE_TIMER
EN_EN1_PIN
D[4]
0
Enable bit of EN1 function. EN1_POWER_RAILS_CONTROL defines which power
rails are controlled by the EN1 pin. EN1_INV defines EN1 active low or active high.
EN_SELECT defines LSWO or LDO 2 as EN1.
0: EN1 function disabled
1: EN1 function enabled
EN1_INV
D[7]
1
Sets EN1 to active low or active high.
0: A low-level input to EN1 turns on the corresponding power rails
1: A high-level input to EN1 turns on the corresponding power rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com