Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 16Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 17Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 18Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 19Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 21Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 22Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 23Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
20
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Configurable MTP
Follow the steps below to configure the MTP e-
fuse via the I2C interface:
1.
Before configuring the e-fuse, ensure that all of
the buck converters and LDOs have no load.
2. Write the correct MTP program password to
register 0x26.
3. Set ENTER_MTP_MODE to 1 to enter MTP
configure mode. All bucks and LDOs are
turned off in this mode.
4. Write the desired content to the I2C registers.
5. Set VIN1 and VAVIN between 6.4V and 6.5V,
with a minimum 150mA current capability.
6. Set PROGRAM_MTP to 1 to start the MTP
e-fuse program.
7. The PMIC calculates the sum of all the
related I2C registers to be burned to the MTP
register. The checksum result is also written
to the MTP register.
8. After the MTP write operation is complete
(typically
100ms),
the
PMIC
sets
the
PROGRAM_MTP bit to 0, and the I2C
register
write
protection
is
unlocked.
ENTER_MTP_MODE is also set to 0.
9. After MTP configuration, the PMIC reloads
the MTP to the related I2C registers and the
PWRON pin function is re-enabled. Then the
bucks, LDOs, and load switch then start-up
based
on
their
power-on
factors.
I2C
communication is enabled after the start-up
sequence is complete.
10. Decrease VIN1 and VAVIN below 5.5V, then
restart the power supply to resume normal
operation.
Before loading the MTP data into the I2C register
during a start-up through VIN, the PMIC does a
checksum calculation for all of the related MTP
registers,
and
compares
the
checksum
calculation to the checksum byte. If they match,
then the MTP data is loaded into the I2C register.
If they do not match, then the I2C register uses
the hard-coded default value. There is an I2C
register flag bit to indicate a checksum error.
Shutdown Sequence
If the VINx drops below its UVLO falling threshold
or if thermal shutdown is triggered, then the
PMIC enters the shutdown sequence. All of the
DC/DC converters, LDO regulators, and load
switch turn off at the same time.
RSTO
DC/DC1
DC/DCx
LDOx
LSWO
...
Shutdown
Event
Detected
Figure 7: Shutdown Sequence
High-Efficiency Buck Converter
Buck 1, buck 2, buck 3, and buck 4 are
synchronous, step-down DC/DC converters that
have built-in UVLO protection, soft start (SS),
compensation,
and
over-current
protection
(OCP) with hiccup mode. Constant-on-time
(COT) control with fixed frequency provides fast
transient response. The switching clock is
phase-shifted from buck 1 to buck 4 during
continuous conduction mode (CCM). All of the
buck converters can support a 100% duty cycle.
Power Supply and Under-Voltage Lockout
(UVLO) Protection
VIN1 is the power supply for buck 1. VIN2 is the
power supply for buck 2, LDO2. VIN3 is the
power supply for buck 3. VIN4 is the power
supply for buck 4. VIN5 is the power supply for
LDO 4 and LDO 5. LSWI is the power supply for
load switch. AVIN is the power input to bias the
internal logic blocks.
VIN1, VIN2, VIN3, VIN4, VIN5, and AVIN have
their own UVLO thresholds with hysteresis.
Once VAVIN exceeds its UVLO rising threshold,
the PWRON logic is enabled and ready to accept
start-up and shutdown commands.
Internal Soft Start (SS)
SS is implemented to prevent the PMIC VOUT
from overshooting during start-up. As the PMIC
starts up, the internal circuitry of each power rail
generates a soft-start voltage (VSS) that ramps
up from 0V. The soft-start time (tSS) lasts until VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com