Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 25Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 26Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 27Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 28Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 29Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 30Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 31Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 32Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
29
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Name
Bits
Default
Description
BUCK1_VREF,
BUCK2_VREF,
BUCK3_VREF,
BUCK4_VREF,
LDO2_VREF,
LDO4_VREF,
LDO5_VREF
D[7:0]
00110100,
00110011,
00110100,
01001100,
01110000,
11101000,
11101000
Sets the internal reference voltage (VREF). Buck outputs are between 400mV and
3587.5mV with 12.5mV per step. LDO outputs are from 650mV to 3587.5mV with
12.5mV per step. See Table 1 on page 32 for more details.
0000 0000: 400mV
0000 0001: 412.5mV
...
1111 1111: 3587.5mV
If the Buck1_VID, Buck2_VID, and Buck3_VID bits are set to 1, then the buck 1,
buck 2, and buck 3 VOUT range is between 400mV and 2.2V with a 7.4mV per step.
OVPEN1,
OVPEN2,
OVPEN3,
OVPEN4
D[6]
1
Enable bit for buck 1, buck 2, buck 3, and buck 4 output over-voltage protection
(OVP).
0: OVP disabled
1: OVP enabled
DISCHGEN1,
DISCHGEN2,
DISCHGEN3,
DISCHGEN4
D[5]
1
Enable bit for buck 1, buck 2, buck 3, and buck 4 output discharge function.
0: Discharge function disabled
1: Discharge function enabled
MODEBUCK1,
MODEBUCK2,
MODEBUCK3,
MODEBUCK4
D[4]
1
Selects auto-PFM/PWM mode or forced pulse-width modulation (FPWM) mode.
0: Auto-PFM/PWM mode
1: Forced PWM mode (FPWM)
ILIM1, ILIM3
D[7:6]
10
Configures the high-side MOSFET (HS-FET) peak current limit (ILIMIT_PEAK) for
buck 1 and buck 3.
00: 4.6A typical HS-FET ILIMIT_PEAK
01: 6.6A typical HS-FET ILIMIT_PEAK
10: 7.6A typical HS-FET ILIMIT_PEAK
11: 9.3A typical HS-FET ILIMIT_PEAK
ILIM2, ILIM4
D[7:6]
01
Configures the HS-FET ILIMIT_PEAK for buck 2 and buck 4.
00: 2.7A typical HS-FET ILIMIT_PEAK
01: 3.9A typical HS-FET ILIMIT_PEAK
10: 5.1A typical HS-FET ILIMIT_PEAK
11: 6.1A typical HS-FET ILIMIT_PEAK
PHASE_
DELAY1,
PHASE_
DELAY2,
PHASE_
DELAY3,
PHASE_
DELAY4
D[5:4]
00, 01, 01,
00
Sets the phase delay for buck 1, buck 2, buck 3, and buck 4.
00: 0° delay
01: 90° delay
10: 180° delay
11: 270° delay
SOFTSTART1,
SOFTSTART2,
SOFTSTART3,
SOFTSTART4
D[3:2]
01
Soft-start time (tSS) setting bit for buck 1, buck 2, buck 3, and buck 4. tSS is
between 10% and 90% of the target VOUT.
00 :150μs
01: 300μs
10: 610μs
11: 920μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com