Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 38 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 38 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 34Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 37Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 38Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 39Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 40Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 41Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 42Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
38
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at fSW, and causes the
majority of
∆VOUT. For simplification, ∆VOUT can
be calculated with Equation (7):
OUT
OUT
OUT
2
SW
1
IN
VV
ΔV1
8 f
L
C2
V

=
 −

 

(7)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at fSW.
For simplification,
∆VOUT be estimated with
Equation (8):
OUT
OUT
OUT
ESR
IN
SW
1
VV
ΔV
1
R
f
L
V

=
 −


(8)
The characteristics of C2 also affect the system
stability.
Table 4 lists the recommended components for
MP5424.
Table 4: Recommended External Components for DC/DC Converters and LDOs
Component
Value
Notes
VIN1 input
capacitor (CIN)
22
μF
0805 size/10V ceramic capacitor
VIN2 CIN
22
μF
0805 size/10V ceramic capacitor
VIN3 CIN
22
μF
0805 size/10V ceramic capacitor
VIN4 CIN
22
μF
0805 size/10V ceramic capacitor
VIN5 CIN
10
μF
0805 size/10V ceramic capacitor
AVIN CIN
0.1
μF
0603 size/10V ceramic capacitor
Buck 1 output
capacitor (COUT)
22
μF x 2
0805 size/10V ceramic capacitor
Buck 1 inductor
1
μH
ISAT > current limit
Buck 2 COUT
22
μF x 2
0805 size/10V ceramic capacitor
Buck 2 inductor
1.5
μH
ISAT > current limit
Buck 3 COUT
22
μF x 2
0805 size/10V ceramic capacitor
Buck 3 inductor
1
μH
ISAT > current limit
Buck 4 COUT
22
μF x 2
0805 size/10V ceramic capacitor
Buck 4 inductor
1.5
μH
ISAT > current limit
LSWI CIN
10
μF
0603 size/6.3V ceramic capacitor
LDO 2 COUT
2.2
μF
0603 size/6.3V ceramic capacitor
LSWO COUT
10
μF
0603 size/6.3V ceramic capacitor
LDO 4 COUT
2.2
μF
0603 size/6.3V ceramic capacitor
LDO 5 COUT
2.2
μF
0603 size/6.3V ceramic capacitor
RSTO pull-up
resistor
100kΩ
0603 or 0402 size film resistor
AVIN series resistor
to VIN1 RSTO pull-
up resistor
4.7
0603 or 0402 size film resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com