Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 32Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 33Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 34Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 37Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 38Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 39Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 40Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP5424 Rev. 0.81
MonolithicPower.com
36
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
©
2021 MPS. All Rights Reserved.
Most of the register bits share the same
description as the MTP e-fuse configuration
table on page 26. Table 2 shows the descriptions
of the I2C register bits that are different from the
MTP register bits.
The I2C register's default values are determined
by the MTP table.
The I2C register can be reset to the hard-coded
default values under two conditions:
1. There is a CRC error while loading the MTP.
2. The MTP page is set to 0.
Thermal shutdown does not reset the I2C register.
Table 2: I2C Register Descriptions
Name
Bits
Default
Description
ENTER_MTP_
MODE
D[7]
0
Set ENTER_MTP_MODE to 1 to enter pre-MTP configure mode. After MTP
configuration is complete, ENTER_MTP_MODE resets automatically to 0.
PROGRAM_
MTP
D[6]
0
If PROGRAM_MTP is set 1, then the PMIC executes an MTP configure action .
After MTP configuration is complete, PROGRAM_MTP resets automatically to 0.
PGx
D[X]
0
PG indicator for the buck converters and LDOs. If VOUT exceeds 90% of the VREF,
then PGx = 1. If VOUT drops below 80% of VREF, then PGx = 0.
During I2C-controlled dynamic voltage scaling, the PG deglitch timer blanks the
possible PG glitch. These PG bits change dynamically to indicate the power good
of each buck’s and each LDO’s status.
OTWARNING
D[7]
0
Die temperature early warning bit. If OTWARNING is high, this indicates that the
die temperature has exceeded 120°C. OTWARNING latches once it is triggered.
Write 1 to OTWARNING to clear it.
OTEMPP
D[6]
0
Over-temperature (OT) indicator. If OTEMPP is high, this indicates that thermal
shutdown has been triggered. OTEMPP latches once it is triggered. Write 1 to
OTEMPP to clear it.
VENDOR ID
D[7:4]
1000
Vendor identification.
CHECKSUM
FLAG
D[4]
0
1: The current MTP page has a CRC or checksum error
0: The current MTP data passes the CRC test
CURRENT
MTP PAGE
INDEX
D[1:0]
00
CURRENT MTP PAGE INDEX stores the current MTP page index information. The
IC cannot access the MTP while D[1:0] = 10b. The MP5424 MTP can only be
configured two times.
00: Default page; two other pages can be used
01: First page
10: Second page
11: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com