Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 30Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 31Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 32Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 33Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 34Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 37Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 38Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
34
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
00111111
1187.5
10010101
2262.5
11101011
3337.5
01000000
1200
10010110
2275
11101100
3350
01000001
1212.5
10010111
2287.5
11101101
3362.5
01000010
1225
10011000
2300
11101110
3375
01000011
1237.5
10011001
2312.5
11101111
3387.5
01000100
1250
10011010
2325
11110000
3400
01000101
1262.5
10011011
2337.5
11110001
3412.5
01000110
1275
10011100
2350
11110010
3425
01000111
1287.5
10011101
2362.5
11110011
3437.5
01001000
1300
10011110
2375
11110100
3450
01001001
1312.5
10011111
2387.5
11110101
3462.5
01001010
1325
10100000
2400
11110110
3475
01001011
1337.5
10100001
2412.5
11110111
3487.5
01001100
1350
10100010
2425
11111000
3500
01001101
1362.5
10100011
2437.5
11111001
3512.5
01001110
1375
10100100
2450
11111010
3525
01001111
1387.5
10100101
2462.5
11111011
3537.5
01010000
1400
10100110
2475
11111100
3550
01010001
1412.5
10100111
2487.5
11111101
3562.5
01010010
1425
10101000
2500
11111110
3575
01010011
1437.5
10101001
2512.5
11111111
3587.5
01010100
1450
10101010
2525
01010101
1462.5
10101011
2537.5
I2C Bus Slave Address
The slave address is a 7-bit address followed by an 8th read or write (R/W) data direction bit. The A5,
A4, A3, A2, and A1 bits can be configured via the MTP e-fuse.
A7
A6
A5
A4
A3
A2
A1
Setting Value
1
1
0 (15)
1 (15)
0 (15)
0 (15)
1 (15)
Notes:
15) This bit is configurable via the MTP e-fuse.
16) The slave address is 0x69 (A[7:1] = 1101 001) by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com