Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 18Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 19Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 21Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 22Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 23Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 24Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 25Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
22
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Shutdown
The shutdown sequence begins once PWRON
is
pulled
low
for
longer
than
PWRON_DEBOUNCE_TIMER while the PMIC
is on. The MP5424 turns off all of the bucks,
LDOs, and load switch. The shutdown sequence
can be configured via the MTP e-fuse.
If the PWRON pin remains low after the
shutdown sequence is complete, then the
MP5424 remains in the shutdown state. If the
PWRON pin is pulled high after the shutdown
sequence
is
complete,
then
the
MP5424
continues the shutdown sequence.
..
OUT2
OUT4
RSTO
PWRON
0
Debounce Timer
Figure 9: PWRON_MODE = 1 (Press PWRON to Shutdown)
PWRON_MODE = 0 (Level Trigger)
The PMIC enters the start-up sequence once
VAVIN exceeds its UVLO threshold and PWRON
is pulled high.
If PWRON is pulled low while the MP5424 is on,
then
the
device
executes
the
shutdown
sequence. If PWRON is pulled high while the
MP5424 is off, then the MP5424 executes a
start-up
sequence.
During
a
start-up
or
shutdown sequence, the PWRON pin function is
blanked until the sequence is complete. For
example, if PWRON is high during a shutdown
sequence and then the PMIC finishes the
shutdown sequence, the PMIC executes the
start-up sequence (see Figure 10).
OUT2
OUT4
RSTO
PWRON
(PWRON_MODE = 0)
PWRON Is Blanked during the
Start-Up/Shutdown Sequence
Figure 10: PWRON Enable and Disable Function
EN1 Functions
EN1 is a multi-function pin. The LSWO pin and
LDO 2 can be selected as EN1
’s input according
to the EN1_SELECT bit of CLT3 register.
EN_EN1_Pin
bit
can
enable/
disable
EN1
functions. EN1_INV defines EN1 as active high or
active low.
The EN1 pin can be used to control the power rails’
start-up and shutdown sequences. This is useful
for non-I2C interface applications.
Figure 11 on page 23 shows the EN1 function. If
EN1_INV is high and EN1 controls buck 2 and
buck 3, then buck 2 and buck 3 turn off
sequentially when EN1 is pulled low. If EN1 is
pulled high, buck 2 and buck 3 turn on sequentially.
PWRON has a higher priority than EN1, so if
PWRON is pulled low, then all of the power rails
enter the shutdown sequence. The buck, LDO,
and load switch enable/disable functions are
controlled via the PWRON and EN1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com