Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 14Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 15Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 16Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 17Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 18Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 19Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 21Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
18
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Power Control
State Machine Description
The state machine has a number of status
options, including no supply, shutdown, start-up
sequence,
start-up,
shutdown
sequence,
configure MTP, and shutdown event (see Figure
4 on page 17). These statuses are described
below.
No Supply
The PMIC’s input pin (AVIN) has a UVLO
detection circuit. If the input voltage (VAVIN) drops
below the under-voltage lockout (UVLO) rising
threshold, then
all of the PMIC’s functions are
disabled.
Shutdown
All of the power rails turn off, and the PMIC
enters the shutdown state once VAVIN drops
below
its
UVLO
falling
threshold.
In
the
shutdown state, the PMIC monitors the power-
on factors. Once a power-on factor is detected,
the device begins the start-up sequence.
Start-Up Sequence
The DC/DC converters, LDOs, and load switch
turn on sequentially according to the order
configured via the MTP e-fuse.
Start-Up
The DC/DC converters, LDOs and load switch
turn on, and t
he RSTO pin’s output goes high. In
the start-up state, the PMIC monitors the power-
off factors and configure MTP factors.
Shutdown Sequence
If the PMIC detects the shutdown factors during
a start-up state, then the PMIC enters the
shutdown sequence. RSTO is pulled low. Then
the DC/DC converters, LDOs, and load switch
turn off sequentially according to the order
configured via the MTP e-fuse.
MTP Configure
The buck converters, LDOs, and load switch turn
off in the shutdown sequence when entering
MTP mode. After MTP configuration is complete,
the PMIC reloads the MTP to the I2C registers
and monitors the power-on factors.
Shutdown Event
If the PMIC detects any of the following
conditions, then it enters a no supply or
shutdown state, regardless of the current state.
• If the input voltage (V
IN) drops below the
UVLO falling threshold, then the device
enters a no supply state.
• If thermal shutdown is triggered, then the
device enters a shutdown state.
Power-On Factor
The
PMIC
has
several
power-on
factors,
including PWR_ON, thermal recovery, and EN1.
These factors are described below.
PWRON_ON
If the PWRON pin is pulled to logic high
(PWRON_MODE = 0) or there is a falling edge
on the PWRON pin (PWRON_MODE = 1), then
the PMIC enters the start-up sequence. See the
PWRON Functions section on page 21 for more
details.
Thermal Recovery
If the die temperature exceeds the thermal
shutdown threshold, then the PMIC enters the
shutdown state. Once the die temperature drops
below the threshold, the PMIC enters the start-
up sequence.
EN1
If the EN1 function is enabled, and EN1 is pulled
high
(EN1_INV defines EN1’s active high) or
EN1 is pulled
low (EN1_INV defines EN1’s
active low), then the power rails controlled by
EN1 enter the start-up sequence. See the EN1
Functions section on page 22 for more details.
Start-Up Sequence
There are 16 selectable time slots for the start-
up sequence. All of the DC/DC converters, LDOs,
and load switch can be configured between 0
and 15 time slots by the MTP e-fuse. The delay
time between each time slot can be adjusted via
the MTP TIME_SLOT bits. The time does not
change with the switching frequency (fSW).
RSTO goes high with the RSTO_DELAY time
once the start-up sequence is complete. The
DC/DC converter, LDOs, and load switch start-
up sequences are set by POWER_ON_SLOT_
NO and PWR_ON_TIME_SLOT_MODE. See
the MTP E-Fuse Description on page 28 for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com