Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 15Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 16Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 17Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 18Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 19Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 21Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 22Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
19
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
VINx
DC/DC Converter,
LDO, and LSWO
Output
Time Slot Number
1
2
3
13
Time
Slot
RSTO
RSTO_DELAY
No Supply
0
PWRON
14
15
Time
Slot
Figure 5: Start-Up Sequence
Buck Regulators, LDOs, and Load Switch On
The MP5424 provides a configurable start-up
sequence. See the MTP E-Fuse Configuration
Table on page 26 for details on which bits set the
time slot number for each channel.
Shutdown Factor
The PMIC shutdown factors are PWRON_OFF
and EN1. They are described below.
PWRON_OFF
If the PWRON pin is pulled low (PWRON_MODE
= 0) or if there is a falling edge on PWRON
(PWRON_MODE = 1), then the PMIC enters the
shutdown
sequence.
See
the
PWRON
Functions section on page 21 for more details.
EN1
If the EN1 function is enabled, and EN1 is pulled
low (EN1_INV defines EN1 as active high) or
EN1 is pulled high (EN1_INV defines EN1 as
active low), then the power rails controlled by
EN1 enter the shutdown sequence. See the EN1
Functions section on page 22 for more details.
Shutdown Sequence
There are 16 selectable time slots for the
shutdown
sequence.
All
of
the
DC/DC
converters, LDOs, and load switch can be
configured between 0 and 15 time slots by the
MTP e-fuse. The delay time between each time
slot can be adjusted via the MTP TIME_SLOT
bits. The time does not change with fSW.
RSTO is pulled low prior to when the DC/DC
converters, LDOs, and load switch turn off. The
DC/DC converter and LDO shutdown sequences
are
set
by
POWER_OFF_SLOT_NO
and
POWER_OFF_SLOT_MODE. See the MTP E-
Fuse Configuration Table on page 26 for more
details.
VIN
PWRON
DC/DC, LDO,
and LSWO
Output
15
14
13
2
1
0
Time_
SLOT
RSTO
Power-Off Sequence
No Supply
UVLO
Power Off
Time_
SLOT
Time Slot Number
Figure 6: Shutdown Sequence (PWRON_MODE = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com