Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 17Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 18Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 19Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 20Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 21Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 22Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 23Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 24Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
21
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
exceeds the reference voltage (VREF). Once VSS
exceeds VREF, then VREF takes over as the
reference. The four buck outputs’ tSS are
adjustable via the MTP. For the LDO2 through
LDO5 outputs, tSS is fixed internally at 50µs. For
the load switch, the soft-start slew rate is
consistent at 1.5mV/µs.
Output Discharge
In order to discharge the output capacitor (COUT)
during the shutdown sequence, there is a
passive
discharge
path
from
the
DC/DC
converter outputs, LDO outputs, and load switch
output to ground. The discharge path turns on
once the corresponding channel is disabled. The
typical discharge resistance is
Ω. The
discharge function can be enabled or disabled
through the I2C interface.
Over-Voltage Protection (OVP)
The MP5424 monitors the feedback voltage (VFB)
to detect possible over-voltage (OV) conditions.
If VFB exceeds 120% of the target voltage, then
both the high-side MOSFET (HS-FET) and low-
side MOSFET (LS-FET) turn off, and the
discharge path is turned on. The part exits this
regulation period once VFB drops below 110% of
VREF.
Over-Current Protection (OCP)
If the peak inductor current (IL_PEAK) reaches its
set limit and the HS-FET is on, then OCP is
triggered. The LS-FET turns on until the inductor
current (IL) drops to the valley current limit
(ILIMIT_VALLEY). Once IL reaches ILIMIT_VALLEY, then
the HS-FET turns on. The part does not exit OCP
unless IL_PEAK drops below its set limit. If the OCP
lasts longer than 150µs, then the buck enters
hiccup mode.
System Control Signals
PWRON Functions
PWRON is an input pin to that generates a start-
up or shutdown event. This pin can be
configured to detect a level or a falling edge via
the MTP.
If the PWRON_MODE bit is set to 1, then the
PWRON_DEBOUNCE_TIMER bit can set the
PWRON
pin’s
debounce
timer
to
filter
mechanical switch short-press noise.
If the PWRON_MODE bit is set to 0, then
PWRON operates as an enable (EN) pin. Pull
PWRON high to turn the PMIC on; pull PWRON
low to turn it off.
PWRON_MODE = 1 (Edge Trigger)
Start-Up
The start-up sequence begins once VAVIN
exceeds its UVLO threshold and PWRON is
pulled
low
for
longer
than
PWRON_DEBOUNCE_TIMER while the PMIC
is off. Once the start-up sequence is complete,
then the PWRON detection function can be
enabled.
..
OUT2
OUT4
RSTO
PWRON
0
Debounce timer
Stay in power on state
when PWRON keeps low
Figure 8: PWRON_MODE = 1 (Press PWRON to Start Up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com