Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV5424-R-00A Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 37Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 38Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 39Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 40Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 41Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 42Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 43Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 44Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
41
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
MP5424
VIN1
GND1
PWRON
SCL
SW1
FB1
LSWI
LSWO
/EN1
OUT2
VIN1 = 2.7V
to 5.5V
VOUT1 =
1.05V
C1
22µF
L1
C6
22µF x 4
1µH
SW2
FB2
L2
C7
22µF x 2
1.5µH
SW3
SW4
FB4
L4
C9
22µF x 2
VIN2
GND2
C2
22µF
VIN3
C3
22µF
VIN4
C4
22µF
VOUT
3.3V/
5V
10µF
C10
10µF
C15
VIN5
2.2µF
C14
OUT5
3.3V
2.2µF
C13
OUT4
3.3V
RSTO
AVIN
C5
0.1µF
AGND
SDA
VOUT2 =
1.0375V
VOUT4 =
1.35V
1.5µH
R1
100k
3.3V
VIN5: 5V
R2
. Ω
10µF
C11
2.2µF
C12
1.8V
3
5
20
18
7
16
26
25
24
23
22
11
10
15
17
21
19
1
4
2
9
12
14
13
FB3
8
6
Figure 19: Typical Application Circuit (with Buck 1 and Buck 3 in Parallel) (21) (22)
Notes:
21)
VIN5’s minimum V
IN is equal to the maximum nominal VOUT of LDO 4 and LDO 5. Connect the VIN5 and VIN1 pins if LDO 4 and LDO 5 are
not used.
22) If operating at a 2.2MHz fSW and with a small duty cycle, ensure that the buck’s on time is >100ns for increased system stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com