Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 5Page - STMicroelectronics SBPH400-3 Datasheet HTML 6Page - STMicroelectronics SBPH400-3 Datasheet HTML 7Page - STMicroelectronics SBPH400-3 Datasheet HTML 8Page - STMicroelectronics SBPH400-3 Datasheet HTML 9Page - STMicroelectronics SBPH400-3 Datasheet HTML 10Page - STMicroelectronics SBPH400-3 Datasheet HTML 11Page - STMicroelectronics SBPH400-3 Datasheet HTML 12Page - STMicroelectronics SBPH400-3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
SBPH400-3
9/43
2.4
Suspend/Resume/Disable
Each port independently implements the P1394a suspend/resume proposal. At any one time,
a port may be disconnected, disabled, suspended or active.
On power reset, if PDISABLE = 0 then all ports are initialized as disconnected, and then, if any
ports are physically connected, the normal new connection actions taken. If PDISABLE = 1
then all ports are initialized as disabled.
When a port is not active, the TpBias output for the port is disabled, all outputs of the port are
set to high impedance and any incoming arbitration signals on TPA and TPB are ignored.
A port may be disabled or re-enabled by a command (register write) from the local link, or by
remote PHY command packet. While disabled, the port ignores any incoming TpBias signal
but the port continues to monitor its connection status using the connect_detect mechanism.
A change in connection status will cause an interrupt to the link or a LinkOn packet as
appropriate and according to the controlling flags. When re-enabled and connected, the port
is treated as suspended (see below).
When disconnected, a port ignores any incoming TpBias signal but continuously monitors the
connection status using the connect detect circuitry. On connection, the port attempts to
become active, but if an incoming TpBias is not then detected, then the port is suspended with
the fault bit set.
While active, the port continuously senses the common-mode bias input voltage on the TPB
pair. The presence of a bias voltage on the TPB pair indicates that the port is connected to an
active port on some other device. Similarly, the absence of a bias voltage indicates the lack of
such a connection or that the far end port has been powered off. On detection of loss of bias,
the port is treated as suspended (see below)
A port may be suspended by a remote PHY command packet. In this case, it engages in a
protocol with the remote connected port, resulting in that port too being suspended. It may be
suspended on loss of incoming TpBias on an active port. A port may also be suspended as a
result of its active connected port being suspended. A connected disabled port is treated as
suspended when re-enabled.
While suspended, the port monitors both TpBias and its connection state using the
connect_detect mechanism. If a disconnection is detected, then the port becomes
disconnected. If a TpBias signal is detected, then the port resumes to its active state. A port
may be instructed to resume by means of a remote command packet, in which case it
generates a TpBias signal. This will indicate to the connected peer port that it too should
resume.
It should be noted that any change of port state to or from the active state has the effect of a
topology change, and that reconfiguration of the bus is necessary. To ensure that this occurs,
the SBPH400 initiates the appropriate bus resets as defined in the P1394a proposal.
When a port becomes disconnected, disabled or suspended, it carries out the appropriate
actions and then automatically enters a low power mode. Normal operation (on full power) is
restored after an appropriate delay (to allow the internal clocks to stabilize) on any change in
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com