Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 34Page - STMicroelectronics SBPH400-3 Datasheet HTML 35Page - STMicroelectronics SBPH400-3 Datasheet HTML 36Page - STMicroelectronics SBPH400-3 Datasheet HTML 37Page - STMicroelectronics SBPH400-3 Datasheet HTML 38Page - STMicroelectronics SBPH400-3 Datasheet HTML 39Page - STMicroelectronics SBPH400-3 Datasheet HTML 40Page - STMicroelectronics SBPH400-3 Datasheet HTML 41Page - STMicroelectronics SBPH400-3 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
38/43
SBPH400-3
5
AC characteristics
Figure 5.1
Digital interface timing
Table 5.1
AC characteristics (analog interfaces)
Symbol
Parameter
Measured
Condition
Unit
Min
Typ
Max
Transmit jitter
(TPA, TPB)
ns
0.15
Transmit Skew
between TPA and TPB
ns
0.10
tr
Transmit rise time
10% to 90%
Rl = 56
Ω,
Cl = 10pF
ns
0.5
1.2
tf
Transmit fall time
10% to 90%
Rl = 56
Ω,
Cl = 10pF
ns
0.5
1.2
SCLK
D, CTL, LREQ
tpsu
tph
Link device to SBPH400 device timing
(NB SCLK runs from SBPH400 to link device)
SCLK
D, CTL
tlsu
tlh
SBPH400 to Link device timing
SCLK
CTL
DATA
LPS
td1
td2
td3
Link device to SBPH400 timing at the link
(Note: SCLK runs from the SBPH to the link device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com