Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 35Page - STMicroelectronics SBPH400-3 Datasheet HTML 36Page - STMicroelectronics SBPH400-3 Datasheet HTML 37Page - STMicroelectronics SBPH400-3 Datasheet HTML 38Page - STMicroelectronics SBPH400-3 Datasheet HTML 39Page - STMicroelectronics SBPH400-3 Datasheet HTML 40Page - STMicroelectronics SBPH400-3 Datasheet HTML 41Page - STMicroelectronics SBPH400-3 Datasheet HTML 42Page - STMicroelectronics SBPH400-3 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
SBPH400-3
39/43
Table 5.2
AC characteristics (digital interfaces)
Symbol Parameter
Measured
Condition Unit
Min
Typ
Max
tpsu
D, CTL, LREQ input setup to SCLK
output
50% to 50%
ns
6
tph
D, CTL, LREQ hold from SCLK output 50% to 50%
ns
0
tlsu
D, CTL output setup to SCLK
50% to 50%
ns
6.5
tlh
D, CTL output hold from SCLK
50% to 50%
ns
0.5
td1
Delay time, SCLK input high to initial
instances of D, CTL and LREQ
outputs valid
50% to 50%
ns
1
10
td2
Delay time, SCLK input high to
subsequent instances of D, CTL and
LREQ outputs valid
50% to 50%
ns
1
10
td3
Delay time, SCLK input high to D, CTL
and LREQ outputs invalid (tri-state)
50% to 50%
ns
1
10
Table 5.3
Clock and reset parameters
Symbol Parameter
Measured
Condition Unit
Min
Typ
Max
Fextclk
External clock Frequency
24.576 MHz +/- 2.45 KHz
Dextclk
External clock duty cycle
50% to 50%
45%
55%
Jextclk
External clock Jitter peak to peak
100 pS peak to peak
FSCLK
SCLK frequency
50% to 50%
Fextclk
× 2
DSCLK
SCLK duty cycle
50% to 50%
45%
55%
Power-on reset time, RESET# input
ms
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com