Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 35Page - STMicroelectronics SBPH400-3 Datasheet HTML 36Page - STMicroelectronics SBPH400-3 Datasheet HTML 37Page - STMicroelectronics SBPH400-3 Datasheet HTML 38Page - STMicroelectronics SBPH400-3 Datasheet HTML 39Page - STMicroelectronics SBPH400-3 Datasheet HTML 40Page - STMicroelectronics SBPH400-3 Datasheet HTML 41Page - STMicroelectronics SBPH400-3 Datasheet HTML 42Page - STMicroelectronics SBPH400-3 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
42/43
SBPH400-3
7
Application Circuit
Note:
Isolation components when using an isolated PHY-Link interface not shown;
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2 5
26
27
28
2 9
3 0
3 1
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
59
60
56
57
58
8 0 79 7 8 77 7 6 75
7 4 73
7 2 71
70 69
68
67
66 65
TPBIAS1
AV DD
TPA1
TPA1#
TPB1
TPB1#
TPA2
TPA2#
TPB2
TPB2#
TPA3
TPA3
TPB3
LA CT
CTL0
CTL1
D ATA 7
D ATA 6
D ATA 5
LK ON
DGN D
SCLK
LREQ
SBPH400-3
21
22
2 3
2 4
64 6 3 62
61
TPB3#
DG ND
DVD D
DGN D
DGN D
TPBIAS 2
TPBIAS 3
DG ND
DGND
AGND
DGN D
D ATA 4
D ATA 3
D ATA 2
DVD D
D ATA 1
D ATA 0
3 00nF - 1
µ F
V
DD
55
55
55
55
5K
250 pF
Ca ble
Cable
G ro und
V
DD
0. 1
µ F
V
DD
10 0K
V DD
u ser setting s
V DD
V
DD
V
DD
V DD
3.0K
+/- 1 %
F or TP A 2/A2 *, TP B2 /B 2*, T P B I A S 2,
T P A 3 /A 3* , TP B 3/B 3* a nd T P B I A S 3
c om po nent con ne cti o ns ar e the sam e as
T P A 1/A 1*, TP B1/B 1* and TP B IA S 1
.
(* ) Iso lation cir cu it use d if I S O pin enab le
40 0K
E xternal 24 .576 M H z Cr ystal O R E xternal os cill ator o ption
N/C
NC* *
N/C
N/C
V
DD
Ca ble P o w er
(* *) A ll N /C ( no n connec ted ) p ins, B UT N O T N C ** ( p in 3 6) may b e con nec ted to e it her G N D o r V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com