Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 28Page - STMicroelectronics SBPH400-3 Datasheet HTML 29Page - STMicroelectronics SBPH400-3 Datasheet HTML 30Page - STMicroelectronics SBPH400-3 Datasheet HTML 31Page - STMicroelectronics SBPH400-3 Datasheet HTML 32Page - STMicroelectronics SBPH400-3 Datasheet HTML 33Page - STMicroelectronics SBPH400-3 Datasheet HTML 34Page - STMicroelectronics SBPH400-3 Datasheet HTML 35Page - STMicroelectronics SBPH400-3 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
32/43
SBPH400-3
2.9.4 LKON (link on)
The LKON pin is used as an output to indicate that the SBPH400 has received a Link_On
packet. If the there is no signal on the LPS pin (indicating that the link device is not currently
powered) or the Link_active register is zero (link interface turned off by software) and a
Link_On packet is received addressed to the node, then a 6.144 MHz signal is output on the
LKON pin. This signal is turned off within 500 ns when both there is a signal received on LPS
and the Link_active register is 1.
2.10 ISO (isolation)
The SBPH400 supports the use of an isolation barrier between the chip and a link device. If
ISO is set high, then the an internal pulsed differentiating function is used on the CTL[0:1] and
the D[0:7] pins when used as outputs. Appropriate threshold circuitry is included on these pins
when used as inputs to interpret differentiated signals correctly. The differentiation circuitry
transmits a 1 or a 0 when there is a logical transition to 1 or 0 respectively, otherwise the output
is set to high impedance. This is shown in Table 2.22. This allows an arbitrary sequence of 1’s
or 0’s to be transmitted across an AC coupled isolation interface.
2.11 CPS (cable power status)
This input should be connected to the power supply provided from the cable via an external
series 400 KOhm resistor. The internal logic associated with this pin provides a nominal filtered
cable power fail voltage (as applied to the external resistor) threshold of 6.25 volts. The internal
logic will report 1 in the PS register when the external voltage on the resistor exceeds the
threshold, and will report 0 in the PS register when the external voltage falls below the
threshold. A transition from 1 to 0 on the value in the PS register causes the Pwr_fail register
to be set to 1, which in turn will cause a link status transfer with the PHY_Interrupt bit set if the
Link interface is active, otherwise will cause a LinkOn signal. Appropriate protection is
incorporated in the SBPH400 for cable power voltages within the 1394 specification applied
via the external series resistor.
Table 2.22
Output differentiation for isolation
Next
01
Previous
0Z
1
10
Z
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com