Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 22Page - STMicroelectronics SBPH400-3 Datasheet HTML 23Page - STMicroelectronics SBPH400-3 Datasheet HTML 24Page - STMicroelectronics SBPH400-3 Datasheet HTML 25Page - STMicroelectronics SBPH400-3 Datasheet HTML 26Page - STMicroelectronics SBPH400-3 Datasheet HTML 27Page - STMicroelectronics SBPH400-3 Datasheet HTML 28Page - STMicroelectronics SBPH400-3 Datasheet HTML 29Page - STMicroelectronics SBPH400-3 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
26/43
SBPH400-3
Power_class
3
R/W
Power class. Set by software to control the value of the pwr field
transmitted in the self-ID packet. On power reset, this is initialized to
the values of the PC[0:2] pins.
Resume_int
1
R/W
Resume interrupt enable. When set to 1, the SBPH400 sets
Port_event to 1 if resume operations commence for any port.
Initialized to 0 on power reset.
ISBR
1
R/W
Initiate short (arbitrated) bus reset. Unless entry to suspend or resume
is in progress for any of the SBPH400’s ports, a write of one to this bit
requests the SBPH400 to arbitrate after a sub-action gap and issue a
short bus reset. Any outstanding fair request is abandoned. Unlike fair
bus requests, the request persists until won, or until a time-out forces
a long bus reset. Always reads as 0.
Loop
1
R/W
Loop detect interrupt. Set to one when the Tree-ID process detected
a loop. The PHY_interrupt status bit is set when this bit transitions
from 0 to 1. A register write with the value 1 in the field corresponding
to this bit clears the register to zero. A register write with a value 0 to
the field corresponding to this bit is ignored.
Pwr_fail
1
R/W
Cable power fail interrupt. Set when the PS register changes from 1 to
0. The PHY_interrupt status bit is set when this bit transitions from 0
to 1. A register write with the value 1 in the field corresponding to this
bit clears the register to zero. A register write with a value 0 to the field
corresponding to this bit is ignored.
State t_out
1
R/W
State time-out interrupt. Set to 1 when the arbitration state machine
has been in any state other than Idle, Tree-ID state T0, Transmit or
Receive for longer than 300
µsec. The PHY_interrupt status bit is set
when this bit transitions from 0 to 1. A register write with the value 1 in
the field corresponding to this bit clears the register to zero. A register
write with a value 0 to the field corresponding to this bit is ignored.
Port_event
1
R/W
Port event detect. Set to 1 when any of Connected, Bias, Disabled or
Fault change for a port whose Int_enable bit is one, or when resume
operations commence for any port and Resume_int is set to 1. The
PHY_interrupt status bit is set when this bit transitions from 0 to 1. A
register write with the value 1 in the field corresponding to this bit
clears the register to zero. A register write with a value 0 to the field
corresponding to this bit is ignored.
Enab_accel
1
R/W
Enable ACK accelerated and fly-by arbitration. Initialized to 0 on
power reset.
Enab_multi
1
R/W
Enable multi-speed packet concatenation. Initialized to 0 on power-on
reset.
Table 2.16
SBPH400 register fields (continued)
Field
Size
Type
Description
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com