Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 7Page - STMicroelectronics SBPH400-3 Datasheet HTML 8Page - STMicroelectronics SBPH400-3 Datasheet HTML 9Page - STMicroelectronics SBPH400-3 Datasheet HTML 10Page - STMicroelectronics SBPH400-3 Datasheet HTML 11Page - STMicroelectronics SBPH400-3 Datasheet HTML 12Page - STMicroelectronics SBPH400-3 Datasheet HTML 13Page - STMicroelectronics SBPH400-3 Datasheet HTML 14Page - STMicroelectronics SBPH400-3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
SBPH400-3
11/43
If the request for transmit comes from the local link, then the arbitration control logic waits for
an appropriate gap (all interfaces Idle), and then (unless the request is an immediate request)
arbitrates as above.
The arbitration logic supports all the arbitration enhancements specified in IEEE P1394a:-
•
arbitrated reset (a short reset which is delayed until a subaction gap arbitration)
•
ack-accelerated arbitration (immediate arbitration after an ACK)
•
fly-by arbitration (concatenation of packets after a packet received from a child
port)
2.7
PHY packets
2.7.1 Link device interaction
The SBPH400 will forward to the link (if the PHY/Link interface is active) every PHY packet
received on the bus.
The SBPH400 will interpret every PHY packet which it receives from the local link device for
transmission on the bus (in addition to responding to every PHY packet received from the bus).
The SBPH400 will act on it in exactly the same way as if the packet was received from the bus.
2.7.2 Self-ID packet
The Self-ID packet has the following format:
Figure 2.2
Self-ID packet format
1 0
phy_ID
0 L
gap_cnt
sp
c
pwr
p0
p1
p2
i
0
logical inverse of first quadlet
rsv
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com