Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 33Page - STMicroelectronics SBPH400-3 Datasheet HTML 34Page - STMicroelectronics SBPH400-3 Datasheet HTML 35Page - STMicroelectronics SBPH400-3 Datasheet HTML 36Page - STMicroelectronics SBPH400-3 Datasheet HTML 37Page - STMicroelectronics SBPH400-3 Datasheet HTML 38Page - STMicroelectronics SBPH400-3 Datasheet HTML 39Page - STMicroelectronics SBPH400-3 Datasheet HTML 40Page - STMicroelectronics SBPH400-3 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
SBPH400-3
37/43
The following values apply to the appropriate device pins in each case
VARB0
Serial input differential amplitude for arbitration ’0’
detect
mV
-168
VISWS
Serial input differential amplitude (absolute value)
during data transmission
mV
118
-
260
Table 4.5
DC characteristics
Symbol
Parameter
Units
Min
Typ
Max
VOH
High level output voltage (IOH = -4 mA)
V
2.8
VOHD
High level output voltage (IOH = -9 mA, CTL[0:1],
D[0:7], SCLK and LKON outputs)
VVDD-0.4
VOL
Low level output voltage (IOL= 4 mA)
V
0.4
VOLD
Low level output voltage (IOL= 9 mA, CTL[0:1],
D[0:7], SCLK and LKON outputs)
V0.4
VIH
High level input voltage
V
2.6
VIL
Low level input voltage
V
0.7
II
Input current for CMC, LREQ, LPS, PC[0:2],
RESET#, ISO, PWRDWN, EXTCLK inputs
µA
-10.0
+10.0
IPU
Input current for TDI, TMS, TRST# inputs
µA
-125
- 25
IPD
Input current for TESTMODE, BISTRUN, TCK
inputs
µA
+25
+125
IOZ
OFF-state output current, CTL[0:1], D[0:7], LKON,
TDO
mA
-10.0
+10.0
VLIT_ISO+
Positive input threshold voltage on LPS input
(VDD=3.3V)
V1.8
VLIT_ISO-
Negative input threshold voltage on LPS input
(VDD=3.3V)
V1.0
VIT_ISO+
Positive input thresholds voltage, CTL[0:1], D[0:7],
LREQ inputs
VVDD/2
+0.3
VDD/2
+0.8
VIT_ISO-
Negative input thresholds voltage, CTL[0:1],
D[0:7], LREQ inputs
VVDD/2
-0.8
VDD/2
-0.3
VCPS
Threshold input voltage on CPS input as applied
via an external 400 K Ohm resistor
V
5.0
6.25
7.5
VO
TPBIAS output voltage
V
1.665
1.85
2.015
Table 4.4
DC characteristics for TPBn, TPBn# (continued)
Symbol
Parameter
Units
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com