Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 24Page - STMicroelectronics SBPH400-3 Datasheet HTML 25Page - STMicroelectronics SBPH400-3 Datasheet HTML 26Page - STMicroelectronics SBPH400-3 Datasheet HTML 27Page - STMicroelectronics SBPH400-3 Datasheet HTML 28Page - STMicroelectronics SBPH400-3 Datasheet HTML 29Page - STMicroelectronics SBPH400-3 Datasheet HTML 30Page - STMicroelectronics SBPH400-3 Datasheet HTML 31Page - STMicroelectronics SBPH400-3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
28/43
SBPH400-3
The 6-bit Division field identifies the product group within SGS-THOMSON.
The 10 bit Product field identifies the product within the Division.
The Major revision will increment with each major revision of the device. The minor revision
will start at 0 for each major revision and will increment with mask fixes, etc.
Note:
The Division and Product fields are identical to the corresponding fields when accessing the
SBPH400 via the JTAG Test Access Port.
2.9
Reset and initialization
2.9.1 Power on
Figure 2.14
SBPH400 reset timing
Table 2.19
Product identification page
Address
012345
6
7
1000
1 (Compliance level = P1394a)
1001
rsv
1010
Manufacturer’s OUI (MSB - 0016)
000000
0
0
1011
Manufacturer’s OUI (8016)
100000
0
0
1100
Manufacturer’s OUI (LSB - E116)
111000
0
1
1101
Division (0816)
Prod-MSB (0)
001000
0
0
1110
Product- LSB (0116)
000000
0
1
1111
Major revision (1)
Minor revision (see note)
0001
XXXX
E x t os c illator
( w here u se d)
Re se t#
SBP H 400 operational
50 0
µ sec
100 ns m in
(V DD present)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com