Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 19Page - STMicroelectronics SBPH400-3 Datasheet HTML 20Page - STMicroelectronics SBPH400-3 Datasheet HTML 21Page - STMicroelectronics SBPH400-3 Datasheet HTML 22Page - STMicroelectronics SBPH400-3 Datasheet HTML 23Page - STMicroelectronics SBPH400-3 Datasheet HTML 24Page - STMicroelectronics SBPH400-3 Datasheet HTML 25Page - STMicroelectronics SBPH400-3 Datasheet HTML 26Page - STMicroelectronics SBPH400-3 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
SBPH400-3
23/43
Figure 2.12
Transmit timing
SBPH400
SBPH400
D[0:7]
SBPH400
SBPH400
00
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
ZZ
00
01
10
10
10
00
00
ZZ
00
D0
D1
Dn
00
00
ZZ
ZZ
ZZ
ZZ
00
ZZ
ZZ
ZZ
00
Dn
00
ZZ
00
11
00
ZZ
ZZ
ZZ
ZZ
00
00
00
ZZ
ZZ
ZZ
ZZ
SP
ZZ
ZZ
ZZ
00
00
D0
D1
CTL[0:1]
D[0:7]
CTL[0:1]
D[0:7]
LINK DEVICE
CTL[0:1]
D[0:7]
LINK DEVICE
10
00
ZZ
01
ZZ
ZZ
ZZ
01
01
10
10
CTL[0:1]
LINK DEVICE
LINK DEVICE
ZZ
ZZ
00
01
Optional idle cycle
Single Packet
Concatenated packet
ZZ
ZZ
00
00
Optional idle cycle
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com