Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 31Page - STMicroelectronics SBPH400-3 Datasheet HTML 32Page - STMicroelectronics SBPH400-3 Datasheet HTML 33Page - STMicroelectronics SBPH400-3 Datasheet HTML 34Page - STMicroelectronics SBPH400-3 Datasheet HTML 35Page - STMicroelectronics SBPH400-3 Datasheet HTML 36Page - STMicroelectronics SBPH400-3 Datasheet HTML 37Page - STMicroelectronics SBPH400-3 Datasheet HTML 38Page - STMicroelectronics SBPH400-3 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
SBPH400-3
35/43
4
Electrical Specifications
4.1
Absolute maximum ratings
Note:
Stresses greater those listed under “Absolute Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification
is not guaranteed. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability. During overload conditions (
VIN>VDD or VIN<VSS) the voltage on pins
with respect to ground (
VSS) must not exceed the values defined by the Absolute Maximum
Ratings.
4.2
Operating conditions
Table 4.1
Absolute maximunm ratings
Symbol
Parameter
Units
Min
Max
VDD
Supply Voltage
V
0
4
VINL
Logic signal input low level
V
-0.5
VINH
Serial signal input level
TTL input signals
V
V
VDD+0.5
5.5
T
°C
MAX
Maximum assembly temperature (for 10
seconds maximum)
Storage temperature
°C
°C-65
260
150
Table 4.2
Operating conditions
Symbol
Parameter
Units
Min
Typ
Max
VDD
Supply Voltage
V
3.0
3.3
3.6
Supply Ripple (DC to 1 GHz)
mV
100
TA
Ambient temperature
°C0
27
70
IDD
Supply current @ 25
°C, 3.3 volts
with parallel outputs loaded by 10pF
mA
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com