Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 35Page - STMicroelectronics SBPH400-3 Datasheet HTML 36Page - STMicroelectronics SBPH400-3 Datasheet HTML 37Page - STMicroelectronics SBPH400-3 Datasheet HTML 38Page - STMicroelectronics SBPH400-3 Datasheet HTML 39Page - STMicroelectronics SBPH400-3 Datasheet HTML 40Page - STMicroelectronics SBPH400-3 Datasheet HTML 41Page - STMicroelectronics SBPH400-3 Datasheet HTML 42Page - STMicroelectronics SBPH400-3 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
40/43
SBPH400-3
6
Package Specifications
The S B PH 400-3 is available in a 80 pin plastic thin quad flat pack
Figure 6.1
Normal operation pinout for 80 pin 12mm x 12mmTQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
59
60
56
57
58
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
TPBIAS1
AVDD
TPA1
TPA1#
TPB1
TPB1#
TPA2
TPA2#
TPB2
TPB2#
TPA3
TPA3#
TPB3
LACT
CTL0
CTL1
DATA7
DATA6
DATA5
LKON
DGND
SCLK
LREQ
SBPH400-3
12mm x 12mm
80 lead TQFP
21 22 2324
64 63 62 61
TPB3#
DGND
DVDD
DGND
DGND
TPBIAS2
TPBIAS3
DGND
DGND
AGND
DGND
DATA4
DATA3
DATA2
DVDD
DATA1
DATA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com