Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 11Page - STMicroelectronics SBPH400-3 Datasheet HTML 12Page - STMicroelectronics SBPH400-3 Datasheet HTML 13Page - STMicroelectronics SBPH400-3 Datasheet HTML 14Page - STMicroelectronics SBPH400-3 Datasheet HTML 15Page - STMicroelectronics SBPH400-3 Datasheet HTML 16Page - STMicroelectronics SBPH400-3 Datasheet HTML 17Page - STMicroelectronics SBPH400-3 Datasheet HTML 18Page - STMicroelectronics SBPH400-3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
SBPH400-3
15/43
Figure 2.9
Remote confirmation packet format
The fields in the remote command and remote confirmation packets are interpreted as shown
in Table 2.4.
2.8
Link interface
2.8.1 Overview
The link interface in the SBPH400 operates as described in the IEEE P1394a proposal.
The SBPH400 implements an interface to a single 1394 link layer device, using the pins D[0:7],
Ctl[0:1], LREQ, SClk, LPS and LKON. The interface is scalable, using 2 data bits in parallel
per 100 Mbit/sec. This enables the clock rate of the signals at this interface to remain at 50
MHz.
Table 2.4
Remote Command and Confirmation packet fields
Field
Comment
phy_ID
Physical node identifier of the destination of the packet (type = 8)
Physical node identifier of the source of the packet (type = A16)
type
8 - remote command packet
A16 - remote confirmation packet
port
Identify the port for the command or confirmation. For values other than 0, 1 and 2, the
SBPH400 always responds with the OK bit set to zero in the confirmation packet.
f
current value of the Fault bit from SBPH400 register 10012 for the addressed port
c
current value of the Connected bit from SBPH400 register 10002 for the addressed port
b
current value of the Bias bit from SBPH400 register 10002 for the addressed port
d
current value of the Disabled bit from SBPH400 register 10002 for the addressed port
ok
1 if the immediately preceding remote command was accepted by the SBPH400, zero
otherwise
cmnd
type = 8:-
0 - NOP
1 - Transmit TX_DISABLE_NOTIFY then disable the port
2 - Initiate suspend
4 - Clear the port’s Fault bit
5 - Enable port
6 - Resume port
type = A16:-
The cmnd value from the immediately preceding remote command packet
data
Current value of the SBPH400 register addressed by the immediately preceding Remote
Access packet (reserved and unimplemented fields and registers are returned as zero).
0 0
phy_ID
logical inverse of first quadlet
0
port
000
cmnd
0
000
type(A16)f c b d ok
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com