Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 13Page - STMicroelectronics SBPH400-3 Datasheet HTML 14Page - STMicroelectronics SBPH400-3 Datasheet HTML 15Page - STMicroelectronics SBPH400-3 Datasheet HTML 16Page - STMicroelectronics SBPH400-3 Datasheet HTML 17Page - STMicroelectronics SBPH400-3 Datasheet HTML 18Page - STMicroelectronics SBPH400-3 Datasheet HTML 19Page - STMicroelectronics SBPH400-3 Datasheet HTML 20Page - STMicroelectronics SBPH400-3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
SBPH400-3
17/43
2.8.4 Link device request (LREQ)
The link layer device requests the bus or accesses a register in the SBPH400 by sending a
short serial stream on the LREQ pin. The information sent includes the type of bus request,
the speed at which the packet is to be sent, or a read or write command. The length of the
request stream depends on whether it is a bus request (8 bits), a read register request (9 bits),
a write register request (17 bits), or an accelerate control request (6 bits).
The request stream always commences with a start bit (value 1b) and terminates with a stop
bit (0b). Bit 0 is transmitted first on the serial request stream.
The LREQ timing and the definition of the bits in the transfer are shown in Figure 2.10
Figure 2.10
LREQ timing
The Bus Request is 8 bits long and is specified in Table 2.7. (Note that this is backwards
compatible with the 7-bit format as specified in IEEE 1394-1995, which is also supported by
the SBPH400.)
The Read Request is used to read a register in the device. It is 9 bits long and is specified in
Table 2.8.
Table 2.7
Bus request format
Bit(s)
Name
Description
0
Start_Bit
Indicates start of transfer. Always 1.
1-3
Request_Type
Indicates the type of bus request being performed. See Table 2.12 for the
encoding of this field.
4-6
Request_Speed
Indicates the speed at which the SBPH400 will be sending the packet for
this request. This field has the same encoding as the speed code from the
first symbol of the receive packet. See Table 2.11 for the encoding of this
field.
7
Stop_Bit
Indicates end of transfer. Always 0.
Table 2.8
Read register request format
Bit(s)
Name
Description
0
Start_Bit
Indicates the start of transfer. Always 1.
1-3
Request_Type
100b (Register read)
4-7
Address
Indicates the address of the physical register to be read.
8
Stop_Bit
Indicates end of transfer. Always 0.
LR0
LR1
LR2
LR3
LR(n-2)
LR(n-1)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com