Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 32Page - STMicroelectronics SBPH400-3 Datasheet HTML 33Page - STMicroelectronics SBPH400-3 Datasheet HTML 34Page - STMicroelectronics SBPH400-3 Datasheet HTML 35Page - STMicroelectronics SBPH400-3 Datasheet HTML 36Page - STMicroelectronics SBPH400-3 Datasheet HTML 37Page - STMicroelectronics SBPH400-3 Datasheet HTML 38Page - STMicroelectronics SBPH400-3 Datasheet HTML 39Page - STMicroelectronics SBPH400-3 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
36/43
SBPH400-3
4.3
DC characteristics
The following values apply to the analog signals TPAn, TPAn#
The following values apply to the analog signals TPBn, TPBn#
Table 4.3
DC characteristics for TPAn, TPAn#
Symbol
Parameter
Units
Min
Typ
Max
VOD
Differential output peak-to-peak voltage,
terminated by 55
Ω load
mV
172
265
V(OFF)
Off-state common mode output voltage
mV
20
ZIC
Common mode impedance (driver disabled)
k
Ω pF
20
24
ZID
Differential impedance (driver disabled)
k
Ω pF
6
6
VARB1
Serial input differential amplitude for arbitration ’1’
detect
mV
168
VARBZ
Serial input differential amplitude for arbitration ’Z’
detect
mV
-89
89
VARB0
Serial input differential amplitude for arbitration ’0’
detect
mV
-168
VISWS
Serial input differential amplitude (absolute value)
during data transmission
mV
118
-
260
VIT200
Speed signal threshold voltage relative to TPBIAS
(TPBIAS-TPA common mode voltage), S200
mV
139
264
VIT400
Speed signalling threshold voltage relative to
TPBIAS (TPBIAS-TPA common mode voltage),
S400
mV
445
682
Table 4.4
DC characteristics for TPBn, TPBn#
Symbol
Parameter
Units
Min
Typ
Max
VOD
Differential output peak-to-peak voltage, terminated by
55
Ω load
mV
172
265
V(OFF)
Off-state common mode output voltage
mV
20
ZIC
Common mode impedance (driver disabled)
k
Ω
pF
20
24
VTH_BIAS_CON
TpBias connect threshold
V
1.0
VTH_BIAS_DIS
TpBias disconnect threshold
V
0.6
ICM100
Common mode output current, speed signalling off or
speed signal = S100
mA
-0.81
0.44
ICM200
Common mode output current, speed signal = S200
mA
-2.53
-4.84
ICM400
Common mode output current, speed signal = S400
mA
-8.10
-12.4
VARB1
Serial input differential amplitude for arbitration ’1’
detect
mV
168
VARBZ
Serial input differential amplitude for arbitration ’Z’
detect
mV
-89
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com