Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 17Page - STMicroelectronics SBPH400-3 Datasheet HTML 18Page - STMicroelectronics SBPH400-3 Datasheet HTML 19Page - STMicroelectronics SBPH400-3 Datasheet HTML 20Page - STMicroelectronics SBPH400-3 Datasheet HTML 21Page - STMicroelectronics SBPH400-3 Datasheet HTML 22Page - STMicroelectronics SBPH400-3 Datasheet HTML 23Page - STMicroelectronics SBPH400-3 Datasheet HTML 24Page - STMicroelectronics SBPH400-3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SBPH400-3
21/43
2.8.7 Status transfer
A 4-bit status transfer of S[0:3] is initiated by the SBPH400 when any of the four status bits
S[0] to S[3] (as specified in Table 2.13) is set to 1. A 16-bit status transfer of s[0] to s[15] (as
specified in Table 2.13 is initiated by the link in response to a register read request from the
link device, or to indicate the node’s new phy_ID after a bus reset during the Self_ID process.
After the link interface is idle, a status transfer is initiated with the assertion of status (CTL[0:1]
= 10) condition by the SBPH400. The first two bits of status information (S[0:1]) are made
available on D[0:1]. The status condition is held on CTL[0:1] for the duration of transfer. The
SBPH400 ensures that there is at least one clock cycle between status transfers.
Figure 2.11
Status transfer timing
Table 2.13
Status bits
Bit (S[n])
Name
Description
0
ArbitrationResetGap
This bit indicates that the SBPH400 has detected that the
serial bus has been idle for an arbitration reset gap time (this
is defined in the IEEE 1394 standard). This bit is used by the
link device in the busy/retry state machine. This bit is reset
after the status transfer or when a transfer occurs on the bus.
1
SubactionGap
This bit indicates that the SBPH400 has detected that the
serial bus has been idle for a subaction gap time (this is
defined in the IEEE 1394 standard). This bit is used by the link
device to detect the end of an isochronous cycle. This bit is
reset after a status transfer or when a transfer occurs on the
bus.
2
BusReset
This bit indicates that the SBPH400 has entered the bus reset
state. This bit is reset after a status transfer
3
PHY_Interrupt
This bit is set whenever any of the interrupt-generating status
bits (Loop detect, Power fail, State time-out, Port event) is set
to 1. This bit is reset after a status transfer.
4-7
Address
These bits indicate the address of the SBPH400 register
whose contents are being transferred to the link device
8-15
Data
These bits provide the current value of SBPH400’s register.
00
01
01
01
00
00
S[0,1]
S[2,3]
S[14,15]
00
SBPH400
CTL[0:1]
SBPH400
D[0:1]
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com