Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 21Page - STMicroelectronics SBPH400-3 Datasheet HTML 22Page - STMicroelectronics SBPH400-3 Datasheet HTML 23Page - STMicroelectronics SBPH400-3 Datasheet HTML 24Page - STMicroelectronics SBPH400-3 Datasheet HTML 25Page - STMicroelectronics SBPH400-3 Datasheet HTML 26Page - STMicroelectronics SBPH400-3 Datasheet HTML 27Page - STMicroelectronics SBPH400-3 Datasheet HTML 28Page - STMicroelectronics SBPH400-3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
SBPH400-3
25/43
2.8.10 SBPH400 registers
The accessible SBPH400 registers are listed in Table 2.15. The descriptions of the fields are
given in Table 2.16.
Table 2.15
Accessible SBPH400 register
Address
0
1
2
3
4
5
6
7
0000
Physical_ID
R
PS
0001
RHB
IBR
Gap_count
0010
111b (Extended)
rsv
0011b (Total ports)
0011
Max speed
rsv
0000b (Delay)
0100
Link_active
C
000b (Jitter)
Power_class
0101
Resume_
int
ISBR
Loop
Pwr-fail
State
t_out
Port
event
Enab_
accel
Enab_
multi
0110
rsv
0111
Page_select
rsv
Port_select
1000-1111
Register 0-7 [Page_select]
Table 2.16
SBPH400 register fields
Field
Size
Type
Description
Physical_ID
6
R
The address of the node determined during self-identification.
R
1
R
When set to 1, indicates that the node is the root.
PS
1
R
Cable power status. This value always reflects the filtered voltage
sensed on the CPS pin.
RHB
1
R/W
Root Hold-off bit. When set to 1, instructs the node to attempt to
become the root during the next Tree-ID process. Value on power
reset is 0.
IBR
1
R/W
Initiate Bus Reset bit. When set to 1, instructs the SBPH400 to initiate
a bus reset for 166
µsec immediately. Always reads as zero.
Gap_Count
6
R/W
Arbitration timer setting. Used to optimize gap times based on the
topology of the network.
Extended
3
R
Always reads as 111b to indicate use of the extended PHY register
map
Total_Ports
4
R
Always reads as 3
Max_Speed
3
R
010b (maximum speed is S400)
Delay
4
R
0000b (maximum repeater delay is 144 ns)
Link_active
1
R/W
Set or cleared by software. Note that the value of the L bit transmitted
in the self-ID packet is the AND of the Link_active bit and the LPS pin.
Initialized to the value of the LACT configuration pin on power reset.
C
1
R/W
Contender. Set or cleared by software to control the value of the C bit
transmitted in the self-ID packet. On power reset this is initialized to
the value of the CMC pin.
Jitter
3
R
000b (fastest and slowest repeater delay differ by 20ns)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com