Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 26Page - STMicroelectronics SBPH400-3 Datasheet HTML 27Page - STMicroelectronics SBPH400-3 Datasheet HTML 28Page - STMicroelectronics SBPH400-3 Datasheet HTML 29Page - STMicroelectronics SBPH400-3 Datasheet HTML 30Page - STMicroelectronics SBPH400-3 Datasheet HTML 31Page - STMicroelectronics SBPH400-3 Datasheet HTML 32Page - STMicroelectronics SBPH400-3 Datasheet HTML 33Page - STMicroelectronics SBPH400-3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
30/43
SBPH400-3
Figure 2.16
PHY/Link interface start-up timing
When LPS is reasserted, the SBPH400 resumes sending SCLK (if necessary) after 40-60 ns
if the SBPH400 is operational, or otherwise after a nominal period of 500
µsec if LPS is used
to bring the SBPH400 out of suspend. If the interface is operating in direct mode (ISO = 0) then
Ctl[0:1] and D[0:7] are held zero. If the interface is operating in isolated mode (ISO = 1), then
the SBPH400 maintains high impedance for the first cycle of SCLK, asserts zeros on Ctl[0:1]
and D[0:7] for the second cycle of the resumed SCLK, and maintains high impedance for
cycles 3 to 7. The SBPH400 asserts a nominal receive indication on Ctl[0:1] for the eigth cycle,
while simultaneously indicating data_prefix on D[0:7] (all 1’s). This is maintained for further
cycles if the SBPH400 is in a state where it would otherwise be transferring data.
2.9.3 PHY/Link interface reset and disable
The PHY-Link interface may be reset by taking LPS low for a minimum of 2.75
µsec, but less
than 25
µsec. During this time the Ctl[0:1] and D[0:7] signals are disabled, but the SBPH400
continues to provide SCLK.
If neither of these is true for a period greater than 25
µsec, then no signal is considered to be
received on LPS, the link interface is disabled, and the SBPH400 operates as a PHY repeater.
When the link interface is disabled, all outputs are held to zero if the interface is operating in
direct mode (ISO = 0), otherwise (ISO = 1) all outputs are maintained in high impedance. The
LP S
SC lk (d ir ect)
SC lk (is o)
C [0:1], D[0:7 ]
C [0:1], D[0:7 ]
(iso )
(dire ct)
5n s (m in)
40 - 6 0 n s (S BP H 400 op era tio na l)
50 0
µs nom inal (SBPH400 suspended)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com