Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 14Page - STMicroelectronics SBPH400-3 Datasheet HTML 15Page - STMicroelectronics SBPH400-3 Datasheet HTML 16Page - STMicroelectronics SBPH400-3 Datasheet HTML 17Page - STMicroelectronics SBPH400-3 Datasheet HTML 18Page - STMicroelectronics SBPH400-3 Datasheet HTML 19Page - STMicroelectronics SBPH400-3 Datasheet HTML 20Page - STMicroelectronics SBPH400-3 Datasheet HTML 21Page - STMicroelectronics SBPH400-3 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18/43
SBPH400-3
The Write Request is used to write to a register in the device. It is 17 bits long and is specified
in Table 2.9.
The Accelerate Control Request is used to control the use of arbitration acceleration in order
to prevent Cycle Start packet starvation. It is 6 bits long and is specified in Table 2.10
The Request Speed field in the bus request is encoded as specified in Table 2.11:
Table 2.9
Write register request format
Bit(s)
Name
Description
0
Start_Bit
Indicates the start of transfer. Always 1.
1-3
Request_Type
101b (Register write)
4-7
Address
Indicates the address of the physical register to be written.
8-15
Data
Indicates the data to be written to the specified physical register.
16
Stop_Bit
Indicates end of transfer. Always 0.
Table 2.10
Accelerate control request format
Bit(s)
Name
Description
0
Start_Bit
Indicates the start of transfer. Always 1.
1-3
Request_Type
110b (AccCtrl)
4
Acceleration_Select
0 = Decelerate
1 = Accelerate
5
Stop_Bit
Indicates end of transfer. Always 0.
Table 2.11
Request speed field
LR[4:6]
Data Rate
000
S100
001
not supported (S1600)
010
S200
011
not supported (S3200)
100
S400
101
reserved
110
not supported (S800)
111
reserved
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com