Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 10Page - STMicroelectronics SBPH400-3 Datasheet HTML 11Page - STMicroelectronics SBPH400-3 Datasheet HTML 12Page - STMicroelectronics SBPH400-3 Datasheet HTML 13Page - STMicroelectronics SBPH400-3 Datasheet HTML 14Page - STMicroelectronics SBPH400-3 Datasheet HTML 15Page - STMicroelectronics SBPH400-3 Datasheet HTML 16Page - STMicroelectronics SBPH400-3 Datasheet HTML 17Page - STMicroelectronics SBPH400-3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
14/43
SBPH400-3
Figure 2.6
Remote access packet format
Figure 2.7
Remote reply packet format
The fields in the remote access and remote reply packets are interpreted as shown in Table
2.3.
2.7.7 Remote Command and Confirmation packets
The SBPH400 responds to remote command packets by initiating the appropriate action and
immediately sending a remote confirmation packet.
Figure 2.8
Remote command packet format
Table 2.3
Remote Access and Remote Reply packet fields
Field
Comment
phy_ID
Physical node identifier of the destination of the packet (type = 1 or 5)
Physical node identifier of the source of the packet (type = 3 or 7)
type
1 - register read of the base registers
3 - register contents (base registers)
5 - register read of the paged registers
7 - register contents (paged registers)
page
0 - Port Status Page
1 - Product Identification Page
2-7 - (these pages not implemented, always responds with zero)
port
Identify the port for the selected register page. For values 0, 1 and 2, the page is as
defined in Table 2.17. For all other values the SBPH400 always responds with zero.
reg
If type = 1, then reg directly addresses one of the base registers.
If type = 5, then reg addresses 10002+reg in the selected page and port.
data
Current value of the SBPH400 register addressed by the immediately preceding Remote
Access packet (reserved and unimplemented fields and registers are returned as zero).
0 0
phy_ID
logical inverse of first quadlet
0
port
reg
reserved
0
page
type
0 0
phy_ID
logical inverse of first quadlet
0
port
reg
data
0
page
type
0 0
phy_ID
logical inverse of first quadlet
0
port
0000
cmnd
0
000
type(8)
0000
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com