Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 9Page - STMicroelectronics SBPH400-3 Datasheet HTML 10Page - STMicroelectronics SBPH400-3 Datasheet HTML 11Page - STMicroelectronics SBPH400-3 Datasheet HTML 12Page - STMicroelectronics SBPH400-3 Datasheet HTML 13Page - STMicroelectronics SBPH400-3 Datasheet HTML 14Page - STMicroelectronics SBPH400-3 Datasheet HTML 15Page - STMicroelectronics SBPH400-3 Datasheet HTML 16Page - STMicroelectronics SBPH400-3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
SBPH400-3
13/43
Figure 2.4
PHY configuration packet format
The fields in the PHY configuration packet are interpreted as shown in Table 2.2.
Note that either or both of R and T must be set to 1.
2.7.5 Ping packet
The SBPH400 supports the use of ping timing. The ping packet has the format shown in Figure
2.5:
Figure 2.5
Ping packet format
When the SBPH400 receives a ping packet from the bus or from the local link addressed to
the node, it responds immediately (without arbitration) with a Self_ID packet to both the bus
and the local link.
2.7.6 Remote Access and Reply
The SBPH supports remote access to its internal registers. On receipt of a remote access
packet addressed to the node (either from the bus or from the local link), the SBPH400 will
immediately respond with the appropriate remote reply packet. The remote access packet and
the reply packet are also forwarded to the local link.
Table 2.2
PHY configuration packet fields
Field
Definition
Comment
root_ID
physical ID
the physical node identifier of the node to become root on next reset
R
set root
The Force_Root bit in the SBPH400 is set if R=1 and root_ID = the
node_ID of this node
T
set gap count
If T=1, then the value of the gap count register in the SBPH400 is set
to gap_cnt.
gap_cnt
Gap_Count value
new value of Gap Count register
0 0
root_ID
logical inverse of first quadlet
R
0000
0000
0000
0000
T
gap_cnt
0 0
phy_ID
logical inverse of first quadlet
0
0000
0000
0000
0000
0
00
type (0)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com