Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 23Page - STMicroelectronics SBPH400-3 Datasheet HTML 24Page - STMicroelectronics SBPH400-3 Datasheet HTML 25Page - STMicroelectronics SBPH400-3 Datasheet HTML 26Page - STMicroelectronics SBPH400-3 Datasheet HTML 27Page - STMicroelectronics SBPH400-3 Datasheet HTML 28Page - STMicroelectronics SBPH400-3 Datasheet HTML 29Page - STMicroelectronics SBPH400-3 Datasheet HTML 30Page - STMicroelectronics SBPH400-3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
SBPH400-3
27/43
Page_select
3
R/W
Select extended register page for a subsequent PHY register read or
write operation.
0 = Port Status Page
1 = Product Identification Page
Initialized to 0 on power reset.
Port_select
4
R/W
Identify the port for the selected register page for a subsequent PHY
register read or write operation. For values 0, 1 and 2, the page is as
defined in Table 2.17. For all other values, a subsequent write to any
register in the page has no effect, and a subsequent read from any
register in the page returns zero. Initialized to 0 on power reset.
rsv
R/W
Field reserved in P1394a for future use. No effect on write, always
reads as zero.
Table 2.17
Port status page
Address
01234
56
7
1000
AStat
BStat
Child
Con
Bias
Dis
1001
Negotiated_speed
Int_
enable
Fault
rsv
1010-1111
rsv
Table 2.18
Port status register fields
Field
Size
Type
Description
AStat
2
R
TPA line state on the selected port
(112 =Z, 012 = 1,102 =0,002 = invalid).
BStat
2
R
TPB line state on the selected port
(112 =Z, 012 = 1,102 =0,002 = invalid).
Child
1
R
If 1 the corresponding port is a child, else parent (only
valid after Self_ID)
Con
1
R
If 1 the corresponding port is connected, 0 if the port is
disconnected.
Bias
1
R
Reflects the Bias detected status on the port (1 = Bias
detected) after filtering
Dis
1
R/W
The port is disabled when this bit is set to 1, and
enabled when this bit is set to 0. Initialized to the value
of the PDISABLE pin on power reset.
Negotiated_speed
3
R
The negotiated speed for this port (only valid after
Self_ID). Possible values are 000b (S100), 001b
(S200), 010b (S400)
Table 2.16
SBPH400 register fields (continued)
Field
Size
Type
Description
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com