Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 2Page - STMicroelectronics SBPH400-3 Datasheet HTML 3Page - STMicroelectronics SBPH400-3 Datasheet HTML 4Page - STMicroelectronics SBPH400-3 Datasheet HTML 5Page - STMicroelectronics SBPH400-3 Datasheet HTML 6Page - STMicroelectronics SBPH400-3 Datasheet HTML 7Page - STMicroelectronics SBPH400-3 Datasheet HTML 8Page - STMicroelectronics SBPH400-3 Datasheet HTML 9Page - STMicroelectronics SBPH400-3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6/43
SBPH400-3
2
Functional Description
2.1
Transmitter and receiver port interface
Figure 2.1
Analog port schematic
The SBPH400-3 implements three cable interface transceiver ports. Each port operates
independently from the other ports, under control of the device control logic. Each port
provides two pairs of signals, denoted TPA, TPA#, and TPB, TPB#. Each signal is
implemented using a driver and a receiver connected to a single pin (total of four pins per port).
In various modes, the driver and receiver are enabled, either separately or both at the same
time (for bi-directional signalling).
+
-
55
Ω
55
Ω
Strb_ Tx
Strb_ Ena ble
+
-
Da ta_Rx
+
+
-
-
+
-
7k
Ω
55
Ω
55
Ω
+
-
+
+
-
-
+
-
Twisted Pair A
Twisted Pair B
VG
TPA
TPA*
TPB
TPB *
VG
TpB ia s ’
0. 3
µf
min
Driv e r
Rec eiv er
Arb_A_Rx
A rbitr ation
C o m para tors
S 200_ref
S20 0
Da ta _T x
Da ta _Enab le
Strb_Rx
A rbitration
C om p arator s
Arb _ B_Rx
Bia s
0.8V
C o m m on mode sp ee d
sig na l cu rren t
5k
Ω
±5%
250pF
(sh ared with TPA
and other ports)
7k
Ω
7k
Ω
7k
Ω
T pB ias de te c tion c ompa rato r
ICD
Ph ys ic al connec tion
de te ction c o m pa rato r
Con
Tp Bias disa ble
+
-
S4 00 _r ef
S40 0
Spe e d_T x
S4 00
Sp ee d_T x
S20 0
Speed_Rx
Spe ed_ Rx
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com