Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBPH400-3 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SBPH400-3
Description  IEEE1394 3-Port 400Mbps Physical Layer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SBPH400-3 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SBPH400-3 Datasheet HTML 20Page - STMicroelectronics SBPH400-3 Datasheet HTML 21Page - STMicroelectronics SBPH400-3 Datasheet HTML 22Page - STMicroelectronics SBPH400-3 Datasheet HTML 23Page - STMicroelectronics SBPH400-3 Datasheet HTML 24Page - STMicroelectronics SBPH400-3 Datasheet HTML 25Page - STMicroelectronics SBPH400-3 Datasheet HTML 26Page - STMicroelectronics SBPH400-3 Datasheet HTML 27Page - STMicroelectronics SBPH400-3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24/43
SBPH400-3
2.8.9 Receive
When the SBPH400 detects the “data-on” state on the serial bus, it starts the receive operation
by asserting receive on the CTL pins and ‘1’ on each of the D pins. The SBPH400 indicates
the beginning of the packet by placing on the D pins the speed code, as defined in Table 2.14.
The speed code is followed by the contents of the received packet using the appropriate range
of D pins (D[0:1] for S100, D[0:3] for S200 and D[0:7] for S400). The CTL pins will remain in
the receive state until the last symbol of the packet has been transferred to the link device. The
end of the packet is indicated by the CTL pins going back to the idle state. Note that the speed
code is part of the link interface protocol and is not included in the calculation of CRC. Note
that P1394a requires that, for compatibility with 1394-1995 PHYs, if “multi-speed
concatenated packets” is not enabled (see Table 2.16), any concatenated packet which is
received without a speed code is assumed to be transmitted at the same speed as the packet
to which it is concatenated. If the SBPH400 detects such a packet then it will indeed make this
assumption, and will supply the appropriate speed code in front of the packet as it transfers it
to the link device. The receive timing is shown in Figure 2.14.
Figure 2.13
Receive timing
Table 2.14
Speed codes on the LINK-PHY interface
D[0:7]
Data Rate
00000000
S100
01000000
S200
01010000
S400
11111111
“data-on” indication
00
10
10
10
10
10
10
00
00
00
FF
FF
SP
D0
D1
Dn
00
00
CTL[0:1]
D[0:7] (hex)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com