Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 4Page - STMicroelectronics ST9040 Datasheet HTML 5Page - STMicroelectronics ST9040 Datasheet HTML 6Page - STMicroelectronics ST9040 Datasheet HTML 7Page - STMicroelectronics ST9040 Datasheet HTML 8Page - STMicroelectronics ST9040 Datasheet HTML 9Page - STMicroelectronics ST9040 Datasheet HTML 10Page - STMicroelectronics ST9040 Datasheet HTML 11Page - STMicroelectronics ST9040 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
I/O PORT
Name
Function
Alternate Function
Pin Assignment
Port. bit
PLCC
PQFP
P3.5
T1OUTA
O
MF Timer 1 Output A
10
24
P3.6
T1INB
I
MF Timer 1 Input B
9
23
P3.7
T1OUTB
O
MF Timer 1 Output B
8
22
P4.0
AIN0
I
A/D Analog Input 0
52
72
P4.1
AIN1
I
A/D Analog Input 1
53
73
P4.2
AIN2
I
A/D Analog Input 2
54
74
P4.3
AIN3
I
A/D Analog Input 3
55
75
P4.4
AIN4
I
A/D Analog Input 4
61
4
P4.5
AIN5
I
A/D Analog Input 5
56
76
P4.6
AIN6
I
A/D Analog Input 6
57
77
P4.7
AIN7
I
A/D Analog Input 7
58
78
P5.0
I/O
I/O Handshake Port 5
3
15
P5.1
I/O
I/O Handshake Port 5
2
14
P5.2
I/O
I/O Handshake Port 5
1
13
P5.3
I/O
I/O Handshake Port 5
68
11
P5.4
I/O
I/O Handshake Port 5
65
8
P5.5
I/O
I/O Handshake Port 5
64
7
P5.6
I/O
I/O Handshake Port 5
63
6
P5.7
I/O
I/O Handshake Port 5
62
5
P7.0
SIN
I
SCI Serial Input
43
61
P7.1
SOUT
O
SCI Serial Output
42
60
P7.1
ROMless
I
ROMless Select (Mask option)
42
60
P7.2
INT4
I
External Interrupt 4
41
59
P7.2
TXCLK
I
SCI Transmit Clock Input
41
59
P7.2
CLKOUT
O
SCI Byte Sync Clock Output
41
59
P7.3
INT5
I
External Interrupt 5
40
58
P7.3
RXCLK
I
SCI Receive Clock Input
40
58
P7.3
ADTRG
I
A/D Conversion Trigger
40
58
P7.4
INT6
I
External Interrupt 6
39
57
P7.4
P/D
O
Program/Data Space Select
39
57
P7.5
WAIT
I
External Wait Input
38
56
P7.6
WDOUT
O
T/WD Output
37
55
P7.6
BUSREQ
I
External Bus Request
37
55
P7.7
WDIN
I
T/WD Input
36
54
P7.7
BUSACK
O
External Bus Acknowledge
36
54
Table 4. ST9040 I/O Port Alternate Function Summary(Continued)
PIN DESCRIPTION (Continued)
®
ST9040
8/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com