Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9040 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 48Page - STMicroelectronics ST9040 Datasheet HTML 49Page - STMicroelectronics ST9040 Datasheet HTML 50Page - STMicroelectronics ST9040 Datasheet HTML 51Page - STMicroelectronics ST9040 Datasheet HTML 52Page - STMicroelectronics ST9040 Datasheet HTML 53Page - STMicroelectronics ST9040 Datasheet HTML 54Page - STMicroelectronics ST9040 Datasheet HTML 55Page - STMicroelectronics ST9040 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
In addition there is an 8 channel Analog to Digital
Converter with integral sample and hold, fast 11
µs
conversion time and 8 bit resolution. An Analog
Watchdog feature is included for two input chan-
nels.
Completing the device is a full duplex Serial Com-
munications Interface with an integral 110 to
375000 baud rate generator, asynchronous and
1.5Mbyte/s synchronous capability (fully program-
mable format) and associated address/wake-up
option, plus two DMA channels.
1.2 PIN DESCRIPTION
AS.
Address Strobe (output, active low, 3-state).
Address Strobe is pulsed low once at the begin-
ning of each memory cycle. The rising edge of AS
indicates that address, Read/Write (R/W), and
Data Memory signals are valid for program or data
memory transfers. Under program control, AS can
be placed in a high-impedance state along with
Port 0 and Port 1, Data Strobe (DS) and R/W.
DS. Data Strobe (output, active low, 3-state). Data
Strobe provides the timing for data movement to or
from Port 0 for each memory transfer. During a
write cycle, data out is valid at the leading edge of
DS. During a read cycle, Data In must be valid prior
to the trailing edge of DS. When the ST90R40 ac-
cesses on-chip Data memory, DS is held high dur-
ing the whole memory cycle. It can be placed in a
high impedance state along with Port 0, Port 1, AS
and R/W.
R/W. Read/Write (output, 3-state). Read/Write de-
termines the direction of data transfer for memory
transactions. R/W is low when writing to program
or data memory, and high for all other transactions.
It can be placed in a high impedance state along
with Port 0, Port 1, AS and DS.
RESET. Reset (input, active low). The ST9 is ini-
tialised by the Reset signal. With the deactivation
of RESET, program execution begins from the Pro-
gram memory location pointed to by the vector
contained in program memory locations 00h and
01h.
OSCIN, OSCOUT. Oscillator (input and output).
These pins connect a parallel-resonant crystal
(24MHz maximum), or an external source to the
on-chip clock oscillator and buffer. OSCIN is the in-
put of the oscillator inverter and internal clock gen-
erator; OSCOUT is the output of the oscillator
inverter.
AVDD. Analog VDD of the Analog to Digital Con-
verter.
AVSS. Analog VSS of the Analog to Digital Con-
verter.
Must be tied to VSS.
VDD. Main Power Supply Voltage (5V
±10%)
VSS. Digital Circuit Ground.
AD0-AD7, (P0.0-P0.7) Address/Data Lines (In-
put/Output, TTL or CMOS compatible). 8 lines pro-
viding a multiplexed address and data bus, under
control of the AS and DS timing signals.
A8-A15 Address Lines (Output, TTL or CMOS
compatible). 8 lines providing non-multiplexing ad-
dress bus, under control of the AS and DS timing
signals.
P2.0-P2.7 P3.0-P3.7, P4.0-P4.7, P5.0-P5.7, P7.0-
P7.7 I/O Port Lines (Input/Output, TTL or CMOS
compatible). 40 lines grouped into I/O ports of 8
bits, bit programmable under program control as
general purpose I/O or as Alternate functions (see
next section).
1.2.1 I/O PORT ALTERNATE FUNCTIONS
Each pin of the I/O ports of the ST90R40 may as-
sume software programmable Alternative Func-
tions as shown in the Pin Configuration Drawings.
Table 2 shows the Functions allocated to each I/O
Port pins.
GENERAL DESCRIPTION (Continued)
®
ST90R40
52/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com